Electronic Components Datasheet Search
  English  ▼

X  

USF830 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # USF830
Description  Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

USF830 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  USF830 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd USF830 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USF805---USF820
USF830---USF840
USF850---USF860
2.2
2.0
100
10
1.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
8.0
0
2
4
6
8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
10
200
175
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2--TYPICALREVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATEDPEAKREVERSEVOLTAGE,
FIG.3 -- PEAK FORWARD SURGECURRENT
FIG.4 -- FORWARD DERATING CURVE
CASE TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
,
0
40
100
1
10
100
20
80
60
TJ=25 C
8.3ms Single Half
sine-wave
0
TJ=75
℃
TJ=25
℃
TJ=125
℃
1000
1
0.1
0.01
10
100
80
0
20
40
60
100
USF805-USF860
Super Fast Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com