| Electronic Components Datasheet Search |
|
SL4034B Datasheet(PDF) 5 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL4034B Datasheet(HTML) 5 Page - System Logic Semiconductor |
|
5 / 9 page ![]() SL4034B System Logic Semiconductor SLS TRUTH TABLE FOR REGISTER INPUT-LEVELS AND RESULTING REGISTER OPERATION “A” Enable P/S A/B A/S Operation * L L L X Serial Mode; Synch. Serial Data Input, “A” Parallel Data Outputs Disabled L L H X Serial Mode, Synch. Serial Data Input, “B” Parallel Data Output L H L L Parallel Mode; “B” Synch. Parallel Data Inputs, “A” Parallel Data Outputs Disabled L H L H Parallel Mode; “B” Asynch. Parallel Data Inputs, “A” Parallel Data Outputs Disabled L H H L Parallel Mode; “A” Parallel Data Inputs Disabled, “B” Parallel Data Outputs, Synch. Data Recirculation L H H H Parallel Mode; “A” Parallel Data Inputs Disabled, “B” Parallel Data Outputs, Asynch. Data Recirculation H L L X Serial Mode; Synch. Serial Data Input, “A” Parallel Data Output H L H X Serial Mode; Synch. Serial Data Input, “B” Parallel Data Output H H L L Parallel Mode; “B” Synch. Parallel Data Input, “A” Parallel Data Output H H L H Parallel Mode; “B” Asynch. Parallel Data Input, “A” Parallel Data Output H H H L Parallel Mode; “A” Synch. Parallel Data Input, “B” Parallel Data Output H H H H Parallel Mode; “A” Asynch. Parallel Data Input, “B” Parallel Data Output * Outputs change at positive transition of clock in the serial mode and when the A/S control input is “low” in the parallel mode. During transfer from parallel to serial operation A/S should remain low in oder to prevent DS transfer into Flip Flops. X = Don’t Care PARALLEL OPERATION A high P/S input signal allows data transfer into the register via the parallel data lines synchronously with the positive transition of the clock provided the A/S input is low. If the A/S input is high the transfer is independent of the clock. The direction of data flow is controlled by the A/B input. When this signal is high the A data lines are inputs (and B data lines are outputs); a low A/B signal reverses the directio n of data flow. The AE input is an additional feature which allows many registers to feed data to a common bus. The A DATA lines are enabled only when this signal is high. Data storage through recirculation of data in each register stage is accomplished by making the A/B signal high and the AE signal low. SERIAL OPERATION A low P/S signal allows serial data to transfer into the register synchronously with the positive transition of the clock. The A/S input is internally disabled when the register is in the serial mode (asynchronous serial operation is not allowed). The serial data appears as output data on either the B lines (when A/B is high) or the A lines (when A/B is low and the AE signal is high). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |