Electronic Components Datasheet Search
  English  ▼

X  

SL4043B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4043B
Description  Quad 3-State R/S Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4043B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4043B Datasheet HTML 1Page - System Logic Semiconductor SL4043B Datasheet HTML 2Page - System Logic Semiconductor SL4043B Datasheet HTML 3Page - System Logic Semiconductor SL4043B Datasheet HTML 4Page - System Logic Semiconductor SL4043B Datasheet HTML 5Page - System Logic Semiconductor SL4043B Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL4043B
System Logic
Semiconductor
SLS
Quad 3-State R/S Latch
High-Voltage Silicon-Gate CMOS
The SL4043B types are quad cross-coupled 3-state CMOS NOR
latces. Each latch has a separate Q output and individual SET and
RESET inputs. The Q outputs are controlled by a common ENABLE
input. A logic “1” or high on the ENABLE input connects the latch
states to the Q outputs. A logic “0” or low on the ENABLE input
disconnects the latch states from the Q outputs, resulting in an open
circuit condition on the Q outputs. The open circuit feature allows
common busing of the outputs.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4043BN Plastic
SL4043BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
S
R
OE
Q
X
X
L
High
Impedance
L
L
H
No change
L
H
H
L
H
L
H
H
H
H
H
H
X = don’t care
LOGIC DIAGRAM
PIN 13 = NO CONNECTION
PIN 16=VCC
PIN 8= GND


Similar Part No. - SL4043B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4049B SLS-SL4049B Datasheet
33Kb / 4P
Hex Buffer/Converter
SL4049BD SLS-SL4049BD Datasheet
33Kb / 4P
Hex Buffer/Converter
SL4049BN SLS-SL4049BN Datasheet
33Kb / 4P
Hex Buffer/Converter
More results

Similar Description - SL4043B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
STMicroelectronics
M74HC279 STMICROELECTRONICS-M74HC279 Datasheet
283Kb / 10P
QUAD S - R LATCH
Aug-2001
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP_07 Datasheet
279Kb / 8P
Quad S-R Latch
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
Quad R/S latch with 3-state outputs
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com