Electronic Components Datasheet Search
  English  ▼

X  

SL4051B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4051B
Description  Analog Multiplexer Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4051B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4051B Datasheet HTML 1Page - System Logic Semiconductor SL4051B Datasheet HTML 2Page - System Logic Semiconductor SL4051B Datasheet HTML 3Page - System Logic Semiconductor SL4051B Datasheet HTML 4Page - System Logic Semiconductor SL4051B Datasheet HTML 5Page - System Logic Semiconductor SL4051B Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL4051B
System Logic
Semiconductor
SLS
Analog Multiplexer Demultiplexer
High-Performance Silicon-Gate CMOS
The SL4051B analog multiplexer/demultiplexer is digitally controlled
analog switches having low ON impedance and very low OFF leakage
current. Control of analog signals up to 20V peak-to-peak can be
achieved by digital signal amplitudes of 4.5 to 20V (if VCC - GND = 3V, a
VCC - VEE of up to 13 V can be controlled; for VCC - VEE level differences
above 13V a VCC - GND of at least 4.5V is required).
These multiplexer circuits dissipate extremely low quiescent power
over the full VCC -GND and VCC - VEE supply-voltage ranges,
independent of the logic state of the control signals. When a logic
“1”is present at the ENABLE input terminal all channels are off.
The SL4051B is a single 8-channel multiplexer having three binary
control inputs, A,B and C, and an ENABLE input. The three binary
signals select 1 of 8 channels to be turned on, and connect one of the 8
inputs to the output.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4051BN Plastic
SL4051BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
ON
Enable
Select
Channels
C
B
A
L
L
L
L
X0
L
L
L
H
X1
L
L
H
L
X2
L
L
H
H
X3
L
H
L
L
X4
L
H
L
H
X5
L
H
H
L
X6
L
H
H
H
X7
H
X
X
X
None
X = don’t care
LOGIC DIAGRAM
Single-Pole, 8-Position Plus Common Off
PIN 16 =VCC
PIN 7 = VEE
PIN 8 = GND


Similar Part No. - SL4051B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BD SLS-SL4050BD Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BN SLS-SL4050BN Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL4052BD SLS-SL4052BD Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - SL4051B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com