Electronic Components Datasheet Search
  English  ▼

X  

CY7C09359AV-9AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C09359AV-9AXC
Description  3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09359AV-9AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C09359AV-9AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09359AV-9AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C09349AV
CY7C09359AV
Document Number: 001-63888 Rev. *A
Page 3 of 20
Contents
PPin Configuration .......................................................... 4
Selection Guide ................................................................ 4
Pin Definitions .................................................................. 5
Maximum Ratings ............................................................. 5
Operating Range............................................................... 5
Electrical Characteristics................................................. 6
Capacitance ...................................................................... 6
AC Test Loads .................................................................. 6
Switching Characteristics................................................ 7
Switching Waveforms ...................................................... 8
Read Cycle for Flow-through
Output (FT/PIPE = VIL) ........................................................... 8
Read Cycle for Pipelined
Operation (FT/PIPE = VIH)........................................... 8
Bank Select Pipelined Read .................................................. 9
Left Port Write to Flow-through Right Port Read............ 9
Pipelined Read-to-Write-to-Read (OE = VIL) ............... 10
Pipelined Read-to-Write-to-Read (OE Controlled) ..... 10
Flow-through Read-to-Write-to-Read (OE = VIL) ...... 11
Flow-through Read-to-Write-to-Read
(OE Controlled)......................................................................... 11
Pipelined Read with Address Counter Advance......... 12
Flow-through Read with Address Counter Advance .. 12
Write with Address Counter Advance (Flow-through or
Pipelined Outputs) ............................................................. 13
Counter Reset (Pipelined Outputs............................. )14
Read/Write and Enable Operatio.................................. n15
Address Counter Control Operation.............................. 15
Ordering Information...................................................... 16
4 K × 18 3.3 V Synchronous Dual-Port SRAM.......... 16
8 K × 18 3.3 V Synchronous Dual-Port SRAM.......... 16
Ordering Code Definitions ......................................... 16
Package Diagram............................................................ 17
Acronyms ........................................................................ 18
Document Conventions ................................................. 18
Units of Measure ....................................................... 18
Document History Page ................................................. 19
Sales, Solutions, and Legal Information ...................... 20
Worldwide Sales and Design Support....................... 20
Products .................................................................... 20
PSoC Solutions ......................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com