Electronic Components Datasheet Search
  English  ▼

X  

SL4050BD Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4050BD
Description  Hex Buffer/Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4050BD Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4050BD Datasheet HTML 1Page - System Logic Semiconductor SL4050BD Datasheet HTML 2Page - System Logic Semiconductor SL4050BD Datasheet HTML 3Page - System Logic Semiconductor SL4050BD Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL4050B
System Logic
Semiconductor
SLS
Hex Buffer/Converter
High-Voltage Silicon-Gate CMOS
The SL4050B is noninverting hex buffers and feature logic-level
conversion using only one supply (voltage (VCC). The input-signal high
level (VIH) can exceed the VCC supply voltage when these devices are
used for logic-level conversions. These devices are intended for use as
CMOS to DTL/TTL converters.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
• High-to-low level conversion
ORDERING INFORMATION
SL4050BN Plastic
SL4050BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PINS 13, 16 = NO CONNECTION
PIN 1 =VCC
PIN 8 = GND
PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs
Output
A
Y
L
L
H
H


Similar Part No. - SL4050BD

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4051 SLS-SL4051 Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4051B SLS-SL4051B Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4051BD SLS-SL4051BD Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4051BN SLS-SL4051BN Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - SL4050BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4049 STMICROELECTRONICS-M54HC4049 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
logo
System Logic Semiconduc...
SL4049B SLS-SL4049B Datasheet
33Kb / 4P
Hex Buffer/Converter
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
CMOS Hex Buffer/Converter
November 1994
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
HEX BUFFER/CONVERTER (INVERTING)
Mar-2004
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
554Kb / 8P
HEX BUFFER/CONVERTER
Jul-2001
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com