Electronic Components Datasheet Search
  English  ▼

X  

CY29948ACT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29948ACT
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948ACT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY29948ACT Datasheet HTML 2Page - Cypress Semiconductor CY29948ACT Datasheet HTML 3Page - Cypress Semiconductor CY29948ACT Datasheet HTML 4Page - Cypress Semiconductor CY29948ACT Datasheet HTML 5Page - Cypress Semiconductor CY29948ACT Datasheet HTML 6Page - Cypress Semiconductor CY29948ACT Datasheet HTML 7Page - Cypress Semiconductor CY29948ACT Datasheet HTML 8Page - Cypress Semiconductor CY29948ACT Datasheet HTML 9Page - Cypress Semiconductor CY29948ACT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 6 of 10
Figure 7. Output-to-Output Skew tsk(0)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
Ordering Information
Part Number
Package Type
Production Flow
CY29948AC
32-pin TQFP
Commercial, 0 °C to +70 °C
CY29948ACT
32-pin TQFP - Tape and Reel
Commercial, 0 °C to +70 °C
Pb-free
CY29948AXC
32-pin TQFP
Commercial, 0 °C to +70 °C
CY29948AXCT
32-pin TQFP - Tape and Reel
Commercial, 0 °C to +70 °C
CY29948AXI
32-pin TQFP
Industrial, –40 °C to +85 °C
CY29948AXIT
32-pin TQFP - Tape and Reel
Industrial, –40 °C to +85 °C
Ordering Code Definitions
T = Tape and Reel; blank = Tube
Temperature: X = C or I
C = Commercial; I = Industrial
X = Pb-free
Package: A = 32-pin TQFP
Device part number
Company ID: CY = Cypress
29948
CY
A
X
T
X
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com