Electronic Components Datasheet Search
  English  ▼

X  

CY29973AXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29973AXIT
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973AXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29973AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29973AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 3 of 10
Pin Definitions[2]
Pin
Name
PWR
IO
Type
Description
11
PECL_CLK
I
PU
PECL Clock Input.
12
PECL_CLK#
I
PD
PECL Clock Input.
9
TCLK0
I
PU
External Reference or Test Clock Input.
10
TCLK1
I
PU
External Reference or Test Clock Input.
44, 46, 48, 50 QA(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
32, 34, 36, 38 QB(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
16, 18, 21, 23 QC(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 4 for frequency selections.
29
FB_OUT
VDDC
O
Feedback Clock Output. Connect to FB_IN for normal operation. The divider
ratio for this output is set by FB_SEL(0:2). See Table 1 on page 1. A bypass
delay capacitor at this output control Input Reference or Output Banks
phase relationships.
25
SYNC
VDDC
O
Synchronous Pulse Output. This output is used for system synchronization.
The rising edge of the output pulse is in sync with both the rising edges of
QA (0:3) and QC(0:3) output clocks regardless of the divider ratios selected.
42, 43
SELA(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QA(0:3)
outputs. See Table 2 on page 4.
40, 41
SELB(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QB(0:3)
outputs. See Table 2 on page 4.
19, 20
SELC(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QC(0:3)
outputs. See Table 2 on page 4.
5, 26, 27
FB_SEL(2:0)
I
PU
Feedback Select Inputs. These inputs select the divide ratio at FB_OUT
output. See Table 1 on page 1.
52
VCO_SEL
I
PU
VCO Divider Select Input. When set LOW, the VCO output is divided by 2.
When set HIGH, the divider is bypassed. See Table 1 on page 1.
31
FB_IN
I
PU
Feedback Clock Input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
I
PU
PLL Enable Input. When asserted HIGH, PLL is enabled. When LOW, PLL
is bypassed.
7
REF_SEL
I
PU
Reference Select Input. When HIGH, the PECL inputs are selected. When
LOW, TCLK[0:1] are selected.
8
TCLK_SEL
I
PU
TCLK Select Input. When LOW, TCLK0 is selected. When HIGH TCLK1 is
selected.
2
MR#/OE
I
PU
Master Reset or Output Enable Input. When asserted LOW, resets all of the
internal flip-flops and also disables all of the outputs. When pulled HIGH,
releases the internal flip-flops from reset and enables all of the outputs.
14
INV_CLK
I
PU
Inverted Clock Input. When set HIGH, QC(2,3) outputs are inverted. When
set LOW, the inverter is bypassed.
3
SCLK
I
PU
Serial Clock Input. Clocks data at SDATA into the internal register.
4
SDATA
I
PU
Serial Data Input. Input data is clocked to the internal register to enable or
disable individual outputs. This provides flexibility in power management.
17, 22, 28,
33,37, 45, 49
VDDC
3.3V Power Supply for Output Clock Buffers.
13
VDD
3.3V Supply for PLL.
1, 15, 24, 30,
35, 39, 47, 51
VSS
Common Ground.
Note
2. A bypass capacitor (0.1
F) must be placed as close as possible to each positive power (<0.2”). If these bypass capacitors are not close to the pins their high frequency
filtering characteristics is cancelled by the lead inductance of the traces.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com