Electronic Components Datasheet Search
  English  ▼

X  

MAX985 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX985
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX985 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX985 Datasheet HTML 1Page - Maxim Integrated Products MAX985 Datasheet HTML 2Page - Maxim Integrated Products MAX985 Datasheet HTML 3Page - Maxim Integrated Products MAX985 Datasheet HTML 4Page - Maxim Integrated Products MAX985 Datasheet HTML 5Page - Maxim Integrated Products MAX985 Datasheet HTML 6Page - Maxim Integrated Products MAX985 Datasheet HTML 7Page - Maxim Integrated Products MAX985 Datasheet HTML 8Page - Maxim Integrated Products MAX985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V to 5.5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µs
20
tPU
Power-Up Time
ns
VCC = 5.0V
80
tFALL
OUT Fall Time
50
40
300
450
100mV overdrive
100mV overdrive
CL = 15pF
300
tPD+
Propagation Delay
450
ns
450
tPD-
300
MAX985/MAX989/
MAX993 only
10mV overdrive
100mV overdrive
MAX985/MAX989/
MAX993 only, CL = 15pF
10mV overdrive
10mV overdrive
CL = 15pF
CL = 50pF
CL = 200pF
MAX986/MAX990/
MAX994 only,
RPULLUP = 5.1kΩ
Note 1: All device specifications are 100% production tested at TA = +25°C. Limits over the extended temperature range are guar-
anteed by design.
Note 2: Inferred from the VOS test. Both or either inputs can be driven 0.3V beyond either supply rail without output phase reversal.
Note 3: VOS is defined as the center of the hysteresis band at the input.
Note 4: IB is defined as the average of the two input bias currents (IB-, IB+).
CL = 15pF
CL = 50pF
CL = 200pF
VCC = 5.0V
ns
80
tRISE
OUT Rise Time
(MAX985/MAX989/
MAX993 only)
50
40
VCC = 5V,
ISOURCE = 8mA
V
4.6
4.85
VOH
OUT Output Voltage High
(MAX985/MAX989/
MAX993 only)
TA = +25°C
4.45
TA = -40°C to +85°C
VCC = 2.7V,
ISOURCE = 3.5mA
2.4
2.55
TA = +25°C
2.3
TA = -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com