Electronic Components Datasheet Search
  English  ▼

X  

MAX2014 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2014
Description  50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2014 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2014 Datasheet HTML 2Page - Maxim Integrated Products MAX2014 Datasheet HTML 3Page - Maxim Integrated Products MAX2014 Datasheet HTML 4Page - Maxim Integrated Products MAX2014 Datasheet HTML 5Page - Maxim Integrated Products MAX2014 Datasheet HTML 6Page - Maxim Integrated Products MAX2014 Datasheet HTML 7Page - Maxim Integrated Products MAX2014 Datasheet HTML 8Page - Maxim Integrated Products MAX2014 Datasheet HTML 9Page - Maxim Integrated Products MAX2014 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
50MHz to 1000MHz, 75dB Logarithmic
Detector/Controller
6
Typical Operating Characteristics (continued)
(
Typical Application Circuit (Figure 1), VS = VCC = 3.3V, PIN = -10dBm, fIN = 100MHz, R1 = 0
Ω, R4 = 0Ω, RL = 10kΩ, VPWDN = 0V,
TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE ERROR vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
-3
-2
-1
0
1
2
3
TA = +85
°C
fIN = 450MHz
NORMALIZED TO DATA AT +25
°C
TA = -20
°C
TA = -40
°C
OUTPUT VOLTAGE ERROR vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
-3
-2
-1
0
1
2
3
VCC = 3.3V
fIN = 450MHz, TA = +85
°C
NORMALIZED TO DATA AT +25
°C
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
OUTPUT VOLTAGE ERROR vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
-3
-2
-1
0
1
2
3
VCC = 2.7V
fIN = 450MHz, TA = -40
°C
NORMALIZED TO DATA AT +25
°C
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
OUTPUT VOLTAGE vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA = +85
°C
fIN = 900MHz
TA = -40
°C
OUTPUT VOLTAGE ERROR vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
-3
-2
-1
0
1
2
3
TA = +85
°C
fIN = 900MHz
NORMALIZED TO DATA AT +25
°C
TA = -20
°C
TA = -40
°C
OUTPUT VOLTAGE ERROR vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
-3
-2
-1
0
1
2
3
VCC = 3.3V
fIN = 900MHz, TA = +85
°C
NORMALIZED TO DATA AT +25
°C
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
OUTPUT VOLTAGE vs. INPUT POWER
INPUT POWER (dBm)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA = +85
°C
fIN = 450MHz
TA = -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com