Electronic Components Datasheet Search
  English  ▼

X  

SL4520B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4520B
Description  Dual Up-Counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4520B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4520B Datasheet HTML 1Page - System Logic Semiconductor SL4520B Datasheet HTML 2Page - System Logic Semiconductor SL4520B Datasheet HTML 3Page - System Logic Semiconductor SL4520B Datasheet HTML 4Page - System Logic Semiconductor SL4520B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL4520B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum ClockFrequency, (Figure 1)
5.0
10
15
1.5
3
4
1.5
3
4
0.75
1.5
2
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock or Enable to
Output (Figures 1,3)
5.0
10
15
560
230
160
560
230
160
1120
460
320
ns
tPHL
Maximum Propagation Delay, Reset to Output
(Figure 2)
5.0
10
15
650
225
170
650
225
170
1300
450
340
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
200
100
70
200
100
70
400
200
140
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
250
110
80
250
110
80
500
220
160
ns
tw
Minimum Pulse Width, Enable (Figure 3)
5.0
10
15
400
200
140
400
200
140
800
400
280
ns
tr, tf
MaximumInput Rise and Fall Times
(Figure 1)
5.0
10
15
15
5
5
15
5
5
15
5
5
µs
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com