Electronic Components Datasheet Search
  English  ▼

X  

MAX4561 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4561
Description  ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4561 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4561 Datasheet HTML 1Page - Maxim Integrated Products MAX4561 Datasheet HTML 2Page - Maxim Integrated Products MAX4561 Datasheet HTML 3Page - Maxim Integrated Products MAX4561 Datasheet HTML 4Page - Maxim Integrated Products MAX4561 Datasheet HTML 5Page - Maxim Integrated Products MAX4561 Datasheet HTML 6Page - Maxim Integrated Products MAX4561 Datasheet HTML 7Page - Maxim Integrated Products MAX4561 Datasheet HTML 8Page - Maxim Integrated Products MAX4561 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.)
(Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ................................................................-0.3 to +13V
IN, COM, NO, NC to GND (Note 1) ..............-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)....................................±10mA
Peak Current
(NO, NC, COM; pulsed at 1ms 10% duty cycle).........±30mA
ESD Protection per Method IEC 1000-4-2 (NO, NC)
Air-Gap Discharge ........................................................±15kV
Contact Discharge ..........................................................±8kV
ESD Protection per Method 3015.7
V+, GND, IN, COM.......................................................±2.5kV
NO, NC..........................................................................±15kV
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 3.1mW/C above +70°C .............247mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)...........696mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Note 1: Signals on NO, NC, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward current to maximum
current rating.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Input Voltage Range
VCOM,
VNO, VNC
0V+
V
TA = +25
°C45
70
On-Resistance
RON
V+ = 4.5V, ICOM = 1mA;
VNO or VNC = 1V, 3.5V
TA = TMIN to TMAX
75
Ω
TA = +25
°C
0.5
2
On-Resistance Match
Between Channels
(Note 4)
∆RON
V+ = 4.5V, ICOM =1mA;
VNO or VNC = 1V, 3.5V
TA = TMIN to TMAX
3
Ω
TA = +25
°C2
4
On-Resistance Flatness
(Note 5)
RFLAT(ON)
V+ = 4.5V, ICOM = 1mA;
VNO or VNC = 1V, 2.25V, 3.5V
TA = TMIN to TMAX
5
Ω
TA = +25
°C
-0.5
0.01
0.5
Off-Leakage Current
(NO or NC)
INO(OFF),
INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V
TA = TMIN to TMAX
-5
5
nA
TA = +25
°C
-0.5
0.01
0.5
COM Off-Leakage Current
(MAX4568/MAX4569 only)
ICOM(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V
TA = TMIN to TMAX
-5
5
nA
TA = +25
°C-1
1
COM On-Leakage Current
ICOM(ON)
V+ = 5.5V, VCOM = 1V, 4.5V;
VNO or VNC = 1V, 4.5V or
unconnected
TA = TMIN to TMAX
-10
10
nA
LOGIC INPUT
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Leakage Current
IIN
VIN = 0 or V+
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com