Electronic Components Datasheet Search
  English  ▼

X  

BAS40WS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAS40WS
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS40WS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS40WS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS40WS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW Turn-on Voltage
Fast Switching
PN Junction Guard for Transient and ESD Protection
Designed for Surface Mount Application
Plastic Material –UL Recognition Flammability
Classification 94V-O
Maximum Ratings
Parameter
Symbol
Limits
Unit
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IF
200
mA
Peak forward surge current @<1.0s
IFSM
600
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃/W
Storage temperature
TSTG
-55 to +150
℃
Electrical Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V (BR)R
40
V
IR=10μA
VF1
0.38
V
IF=1mA
VF2
0.5
V
IF=10mA
Forward voltage
VF3
1
V
IF=40mA
Reverse current
IR
20
200
nA
VR=30V
Capacitance between terminals
CT
4
5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Features
SOD-323
BAS40WS
Schottky Diodes
Dimensions in inches and (millimeters)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com