| Electronic Components Datasheet Search |
|
864073 Datasheet(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
864073 Datasheet(HTML) 21 Page - Intel Corporation |
|
21 / 43 page ![]() PRELIMINARY 17 8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER T1CLK I Timer 1 External Clock External clock for timer 1. Timer 1 increments (or decrements) on both rising and falling edges of T1CLK. Also used in conjunction with T1DIR for quadrature counting mode. and External clock for the serial I/O baud-rate generator input (program selectable). T1CLK is multiplexed with P1.4. T2CLK I Timer 2 External Clock External clock for timer 2. Timer 2 increments (or decrements) on both rising and falling edges of T2CLK. Also used in conjunction with T2DIR for quadrature counting mode. T2CLK is multiplexed with P1.6. T1DIR I Timer 1 External Direction External direction (up/down) for timer 1. Timer 1 increments when T1DIR is high and decrements when it is low. Also used in conjunction with T1CLK for quadra- ture counting mode. T1DIR is multiplexed with P1.5. T2DIR I Timer 2 External Direction External direction (up/down) for timer 2. Timer 2 increments when T2DIR is high and decrements when it is low. Also used in conjunction with T2CLK for quadra- ture counting mode. T2DIR is multiplexed with P1.7. TXD O Transmit Serial Data In serial I/O modes 1, 2, and 3, TXD transmits serial port output data. In mode 0, it is the serial clock output. TXD is multiplexed with P2.0. V CC PWR Digital Supply Voltage Connect each V CC pin to the digital supply voltage. V SS GND Digital Circuit Ground Connect each V SS pin to ground through the lowest possible impedance path. WR# O Write† This active-low output indicates that an external write is occurring. This signal is asserted only during external memory writes. WR# is multiplexed with WRL#. † The chip configuration register 0 (CCR0) determines whether this pin func- tions as WR# or WRL#. CCR0.2 = 1 selects WR#; CCR0.2 = 0 selects WRL#. WRH# O Write High† During 16-bit bus cycles, this active-low output signal is asserted for high-byte writes and word writes to external memory. During 8-bit bus cycles, WRH# is asserted for all write operations. WRH# is multiplexed with BHE#. † The chip configuration register 0 (CCR0) determines whether this pin func- tions as BHE# or WRH#. CCR0.2 = 1 selects BHE#; CCR0.2 = 0 selects WRH#. Table 8. Signal Descriptions (Continued) Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |