Electronic Components Datasheet Search
  English  ▼

X  

H3AM Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H3AM
Description  Mechatronic Analog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3AM Datasheet(HTML) 6 Page - Omron Electronics LLC

  H3AM Datasheet HTML 1Page - Omron Electronics LLC H3AM Datasheet HTML 2Page - Omron Electronics LLC H3AM Datasheet HTML 3Page - Omron Electronics LLC H3AM Datasheet HTML 4Page - Omron Electronics LLC H3AM Datasheet HTML 5Page - Omron Electronics LLC H3AM Datasheet HTML 6Page - Omron Electronics LLC H3AM Datasheet HTML 7Page - Omron Electronics LLC H3AM Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.ia.omron.com/
6
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3AM
Dimensions
Note: All units are in millimeters unless otherwise indicated.
H3AM (Flush Mounting)
■ Accessories (Order Separately)
Waterproof Packing
(Provided with H3AM-NS
@-@-300 models.)
Installation
■ Internal Connections and Terminal Arrangement
Note: The R2 relay can be switched between instantaneous and time-limit contacts and thus the contact symbol is shown as follows:
96
33
85
Four, M4x17.5 screw boss
20.1
46 70
77.5 dia.
70
70±0.4
17.7 17.5
27.5 dia.
Four, 5-dia. holes
Mounting Holes
70
±0.4
96
81-dia. hole
Note: Tightening torque for panel mounting is as follows:
300 m N·m ±50 m N·m
Y92S-35
Note: Use Waterproof Packing to provide a level of water protection
that complies with IP65 standards.
Depending on the operating environment, the Waterproof
Packing may deteriorate, contract, or harden and so regular
replacement is recommended.
1
2
3
4
5
6
7
8
9
10
R1
R2
Power Supply
(See note)
1
2
3
4
5
6
7
8
9
10
R1
R2
Reset
Power
Supply
Use the same power source for the power supply and
reset input and wire the circuit so that the terminals (1)
and (10) terminals (2) and (9) become the same phase
respectively.
H3AM-NS
H3AM-NSR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com