Electronic Components Datasheet Search
  English  ▼

X  

LL42 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL42
Description  Small Signal Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL42 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL42 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL42 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LL42 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNITS
Reverse breakdown voltage
at IR=100µA
Forward voltage pulse test tp=300
µs,δ<2%
@IF=200mA
@IF=10mA
LL42
@IF=50mA
LL42
@IF=2mA
LL43
@IF=15mA
LL43
Leakage current pulse test tp<300µs,δ<2%
@VR=25V
@VR=25V,TJ=100℃
Junction capacitance at VR=1V f=1MHZ
CJ
pF
Reverse recovery time
trr
ns
Rectification efficiency
ηv%
2)I
F=10mA,IR=10mA,Irr=1mA,RL=100Ω
3)R
L=15KΩ,CL=300pF,f=45MHz,VRF=2V
--
5
2)
80
3)
--
V
0.33
-
0.5
100
--
-
0.65
-
0.45
V
IR
µ A
V(BR)
30
-
-
VF
-
1.0
ELECTRICAL CHARACTERISTICS
-
7.0
--
-
-
-
--
-
0.40
MIN
TYP
MAX
-
LL42/LL43
Small Signal Schottky Diodes
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com