Electronic Components Datasheet Search
  English  ▼

X  

LL45 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL45
Description  Small Signal Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL45 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL45 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
For general purpose applications
Case:JEDEC MINI-MELF,glass case
Weight: Approx 0.031 grams
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
15
V
nA
V
pF
K/W
Storage temperature range
TSTG
Reverse breakdown voltage
@ I
R=10
A
Symbols
VR
ELECTRICAL CHARACTERISTICS
IR
Termal resistance junction to ambient air
0.5
VOLTAGE RANGE: 15 V
CURRENT: 30 mA
MINI-MELF
mA
mA
Value
Peak reverse voltage
15
30
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Forward continuous current
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
IF
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ V
R=6V
Junction capacitance
@ V
R=1.0V,f=1MHz
Forw ard voltage drop
@ I
F=1.0mA
400
1)Valid provided that electrodes are kept at ambient temperature.
Surge non repetitive forward current tp≤1s
100
60
I
F=10mA
V
F
CJ
Max.
Typ.
1.1
TJ
0.38
c-55 ---+ 150
125
Test pulse:tp≤300
µ s,δ<2%
IF=30mA
1.0
Dimensions in millimeters
LL45
Small Signal Schottky Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL45

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
LL45 JINANJINGHENG-LL45 Datasheet
69Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL45 BILIN-LL45 Datasheet
60Kb / 1P
SMALL SIGNAL SCHOTTKY DIODE
logo
Jinan Jing Heng Electro...
LL45 JINGHENG-LL45 Datasheet
62Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
TRANSYS Electronics Lim...
LL458A TEL-LL458A Datasheet
151Kb / 2P
HIGH SPEED SILICON DIODES
LL459A TEL-LL459A Datasheet
151Kb / 2P
HIGH SPEED SILICON DIODES
More results

Similar Description - LL45

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com