Electronic Components Datasheet Search
  English  ▼

X  

LL46 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL46
Description  Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL46 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL46 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL46 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LL46 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
0.2
0
0.4
0.6
0.8
200
500
0
400
300
100
TJ=25
IF
VF
A
V
AT DIFFERENT TEMPERATURES (TYPICAL VALUES)
VOLTAGE (TYPICAL VALUES)
FIG.3 -- REVERSE CURRENT VERSUS JUNCTION TEMPERATURE (TYPICAL VALUES)
FIG.1 -- FORWARD CURRENT VERSUS FORWARD VOLTAGE
FIG.2 -- FORWARD CURRENT VERSUS FORWARD
0.01
100
0.1
1
10
0
0.2
0.4
0.6
1.2
0.8
1.0
TJ=25
TJ=60
IF
VF
V
100
0
0.1
125
75
50
25
1
10
100
1000
IR
TJ
90%confidence
VR=75V
typ.
max.
LL46
Small Signal Schottky Diode
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com