Electronic Components Datasheet Search
  English  ▼

X  

LL48 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL48
Description  Small Signal Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL48 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL48 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL48 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNITS
Reverse breakdown voltage
at IR=100µA
Leakage current
pulse test tp=300
µs,δ<2%
@V
R=10V
-
-
2
@VR=10V,TJ=60℃                        -
-
15
@V
R=20V
-
-
5
@VR=20V,TJ=60℃                        -
-
25
@VR=40V
-
-
25
Forward voltage
pulse test tp<300µs,δ<2%
@IF=0.1mA
-
-
0.25
@IF
=10mA
-
-
0.40
C
apacitance at VR=1V f=1MHZ
Ctot
pF
μ
A
-
V
VF
V
V(BR)
40
-
-
IR
ELECTRICAL CHARACTERISTICS
-
12
MIN
TYP
MAX
@VR=40V,TJ=60℃                        -
-
50
@IF=250mA
-
-
0.90
LL48
Small Signal Schottky Diode
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com