Electronic Components Datasheet Search
  English  ▼

X  

H7GP-CB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H7GP-CB
Description  Total Counter/Time Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-CB Datasheet(HTML) 5 Page - Omron Electronics LLC

  H7GP-CB Datasheet HTML 1Page - Omron Electronics LLC H7GP-CB Datasheet HTML 2Page - Omron Electronics LLC H7GP-CB Datasheet HTML 3Page - Omron Electronics LLC H7GP-CB Datasheet HTML 4Page - Omron Electronics LLC H7GP-CB Datasheet HTML 5Page - Omron Electronics LLC H7GP-CB Datasheet HTML 6Page - Omron Electronics LLC H7GP-CB Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
H7GP
5
Operation
■ DIP Switch Settings
Set all DIP switches before mounting the Counter to a control panel.
All switches are set toward the display panel before shipping.
H7GP-C/-CD
H7GP-T/-TD
Note: 1. When the setting has been changed, turned power off and
on to continue. The display will show “0” when the power is
turned back on.
2. The decimal point will flash every second when “99999.9 h”
is set.
■ Operating Modes
Nomenclature
Switch
Item
Function
3 (On right side
from front)
Input mode (note
1)
Display side
NPN
Terminal side
PNP
4 (On left side
from front)
Counting speed
(note 1)
Display side
30 Hz
Terminal side
5 kHz
Switch
Item
Function
3 (On right side
from front)
Input mode
(note 1)
Display side
NPN
Terminal side
PNP
4 (On left side
from front)
Time range
(note 1)
Display side
99999.9h
(note 2)
Terminal side
99 h 59 min
59 s
0
0.0h
999999
Total Counters
Time Counters
Reset input
Count input
Display
Start input
Display
Reset input
99999.9 h
(see note)
Note: The count value will return to "0" when "999999" is
exceeded.
The display and output are turned OFF when the power
supply turns OFF, but the count value is stored internally.
Note: Display values are shown for full scale set to 99999.9 h.
The count value will return to "0" when "99999.9" is
exceeded.
The display and output are turned OFF when the power
supply turns OFF, but the count value is stored internally.
1. Reset Key
Resets the count value, but will not operate while
the keys are protected.
2. Key Protection Indicator
Lit while the keys are protected. (Reset Key is
disabled.).
3. NPN/PNP DIP Switch
(Count or start with reset)
When the setting has been changed, turned power
off and on to continue. The display will show "0"
when the power is turned back on. See below for
details.
4. Counting Speed DIP Switch (H7GP-C)
Time Range DIP Switch (H7GP-T)
When the setting has been changed, turned power
off and on to continue. The display will show "0"
when the power is turned back on. Refer to DIP
Switch Setting for details.
4
2
1
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com