Electronic Components Datasheet Search
  English  ▼

X  

160M13 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 160M13
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

160M13 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  160M13 Datasheet HTML 1Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 2Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 3Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 4Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 5Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 6Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 7Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 8Page - Cooper Bussmann, Inc. 160M13 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Low Voltage Fuse Links Catalogue
Table of Contents
Domestic Applications to BS1361 & BS1312
Consumer Unit Fuse Link
4
Plug Top Fuse Links
4
Industrial & Motor Applications to BS88
Offset Bolted Tags
5 - 7
Centre Bolted Tags
8 - 9
Offset Blade Tags
10
Merchandising Stand
11
Industrial Applications to BS88 - 500Vdc
Special DC Range Offset/Centre Bolted Tag
12
Industrial Applications to BS88 - 660/690V
Offset Bolted Tags
13
Centre Bolted Tags
14
Special Tag Arrangements
15
Street Lighting Applications to BS88
Offset Bolted Tags
16
Utility Applications to BS88
House-Service Cut-Out Fuse Links
17
J Type Fuse Links to BS88: Part 5 Cylindrical
17
J Type Fuse Links to BS88: Part 5 Slotted/Non Slotted
18
Joint NATO Reference System
Cylindrical/Offset Bolted Tag
19
BS88 Fuseholders
Camaster HRC Fuseholder
20
Safeloc Fuseholder
21
Cylindrical Domestic Fuses
22
Domestic Fuses
23
Cylindrical Industrial Fuses
Class gG
24
Class aM
25
CHD
26
CHM
27
CH
28
NH Fuses - Dual Indicator
Class gG - Low Power Loss
29 - 30
Class gG
31
Class aM
32 -33
Class gG - aM
34
NH Fuses - Dimensions
35
NH Fuseholders for Knife Fuses
36
Dimensions for Knife fuse and Fuseholders (NH)
37 - 38
NH Fuse Rails and Disconnectors
39 - 41
DO Fuses
42
DO Fuseholders
43
D Fuses
44
D Fuseholders
45
Other Low Voltage Fuse Ranges
46
Medium Voltage Fuses and Isolators
47
Ultra Fast Fuses and Holders
48 - 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com