Electronic Components Datasheet Search
  English  ▼

X  

B110D Datasheet(PDF) 2 Page - NEC

Part # B110D
Description  The powerful blade server NEC Express5800/B110d
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B110D Datasheet(HTML) 2 Page - NEC

  B110D Datasheet HTML 1Page - NEC B110D Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©Copyright 2012 NEC Corporation. The information and specifications
contained in this publication are subject to modification without prior notice.
Microsoft and Windows Server are either registered trademarks or trademarks
of Microsoft Corporation in the United States and/or other countries. Intel,
Intel Logo, Pentium, Pentium Inside, Xeon, and Xeon Inside are trademarks
of Intel Corporation in the U.S. and/or other countries. Linux is a trademark
of Linus Torvalds. Red Hat is a registered trademark of Red Hat, Inc. in the
U.S. VMware is a registered trademark or trademark of VMware, Inc. in the
United States and/or other jurisdictions. All other names of products and
brands cited are the property of their respective owners. NEC declines all
responsibility in the case of photographic or typing errors.
Cat. No. E99-12070007E
B110d July 2012
Asia (APAC)
NEC Corporation
Europe (EMEA)
NEC France
IT Platform Solutions Division
North America
NEC Corporation of America
Information Technology Group
7-1, Shiba 5-chome Minato-ku
Tokyo 108-8001 Japan
29, rue des Hautes Pâtures
92737 Nanterre Cedex France
+33 1 46 49 46 49
2880 Scott Blvd.
Santa Clara, CA 95050 U.S.
+1 866 632 3226
www.nec.com/express
www.nec-itplatform.com
www.necam.com/servers
NEC Corporation
www.nec.com
NEC Express5800/B110d
Simplified Manageability
• EXPRESSSCOPE Engine 3 supports
remote management in a secure
communication environment without
any special software
• EXPRESSBUILDER and ESMPRO suite
enable simple installation and efficient
centralized system management
Flexible Solution
• Flexible storage technology enables
optimal system configuration for direct
attached storage and storage area
network environments
• Flexible integrated NIC technology, either
dual 1GbE or dual 10GbE, provides
server scalability and flexible network
solutions without increasing CAPEX
High Performance
• Support for the latest Intel® Pentium® 1400
series 2-core processors for maximum
energy efficiency and performance
• Support for up to 192 GB memory, which
is ideal for small database, collaboration,
and system management servers
MODEL
Express5800/B110d
Form factor / height
Half-height blade
Number of processors
1 to 2
Processors
Intel® Pentium® Processor 1403 (2.60 GHz/2-core/5 MB)
Memory type
DDR3-1333 ECC LV UDIMM, DDR3-1600 ECC LV RDIMM
Memory slots
6
Maximum memory
192 GB
Storage type
Hot plug 2.5-inch SAS and SATA HDD, Hot plug 2.5-inch SATA SSD
Maximum internal drive bays
2 with drive cage kit
Maximum internal storage
2 TB
Expansion slots
1 Type II Mezzanine, 1 PCIe for a flexible integrated NIC
Video (VRAM)
Integrated in the server management controller (32 MB)
Systems management
EXPRESSSCOPE Engine 3
Interface
1 SUV
Enclosure
Blade Enclosure M, Blade Enclosure-H v2
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 35 °C / 50 to 95 °F, 20 to 80%
Non-operating: -10 to 55°C / 14 to 131°F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2003 R2, Standard Edition / Enterprise Edition
Microsoft® Windows Server® 2003 R2, Standard x64 Edition / Enterprise x64 Edition
Microsoft® Windows Server® 2008 Standard / Enterprise
Microsoft® Windows Server® 2008 Standard (x64) / Enterprise (x64)
Microsoft® Windows Server® 2008 R2 Standard / Enterprise
Red Hat® Enterprise Linux® 5
Red Hat® Enterprise Linux® 6
Note: For Linux support, go to the NEC website at http://www.nec.com/global/prod/express/linux/, or contact our sales representative
HARDwARE SPECIFICATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com