Electronic Components Datasheet Search
  English  ▼

X  

UA2 Datasheet(PDF) 4 Page - NEC

Part # UA2
Description  Miniature Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UA2 Datasheet(HTML) 4 Page - NEC

  UA2 Datasheet HTML 1Page - NEC UA2 Datasheet HTML 2Page - NEC UA2 Datasheet HTML 3Page - NEC UA2 Datasheet HTML 4Page - NEC UA2 Datasheet HTML 5Page - NEC UA2 Datasheet HTML 6Page - NEC UA2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
•Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
•Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
•Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
EA2
EB2
UA2/UB2
UC2/UD2
Mounting space (mm
× mm)
9.2
× 14.2
11.5
× 14.3
5.7
× 10.6
6.5
× 10.6
2c
2c
2c
• Breakdown voltage
1000VAC FCC
Part 68 compliant
• Latching type
available
• Surface mount type
• Breakdown voltage
1000VAC, FCC Part
68 compliant
• Latching type available
• Reduced mounting
space type available
• Small mounting size
of slim package
• Bellcore (2500 V)
and FCC (1500 V)
surge capability
• Latching type available
• Low power consumption
type available
• Low profile type
• Bellcore (2500 V
surge coil to contacts)
and FCC (1500 V)
surge capability
• Latching type available
• Low power consumption
type available
2c
Power
Mounting height (mm)
5.4max.
7.5/6.5, 5.6max.
8.0
±0.3/8.8max.
5.3
±0.3/5.45max.
Voltage
Current [Working]
Operating power
Nominal voltage
Type of Relay
Contact arrangement
Maximum
Contact
Coil
Features
Miniature Relays Lineup
30W/37.5VA
220VDC/250VAC
1A
100~230mW
3, 4.5, 5, 9, 12, 24V
30W/62.5VA
220VDC/250VAC
1A
100~200mW
3, 4.5, 5, 12, 24V
EC2
EE2
ED2
EF2
Mounting space (mm
× mm)
7.5
× 15.0
7.5
× 15.0
9.5(7.5)
× 15.0
9.5(7.5)
× 15.0
2c
2c
60W/125VA (UL, CSA rating)
2A
100~230mW
3, 4.5, 5, 9, 12, 24V
2c
2c
30W/62.5VA
1A
30~70mW
1.5, 3, 4.5, 5, 9, 12, 24V
• 2500V surge
coil to contacts
• Latching type
available
• Reduced mounting
space type available
• Surface mount type
• 2500V surge coil
to contacts
• Latching type
available
• Ultra low power
consumption
• 2500V surge coil
to contacts
• Ultra low power
consumption
• Reduced mounting
space type available
• Surface mount type
• 2500V surge coil
to contacts
Power
Mounting height (mm)
9.4max.
9.4max.
10.0~10.6max.
10.0~10.6max.
Voltage
Current [Working]
Operating power
Nominal voltage
Type of Relay
Contact arrangement
Maximum
Contact
Coil
Features
220VDC/250VAC
NEC TOKIN provides the best-seller products already
used for various applications, and variety of products
such as a flat type for low profile mounting, a slim type
for high density mounting, low power consumption type
and excellent environment resistance type.
<Feature>
• Compact, lightweight, ultra-low profile with high density
• The low power consumption
• Extremely durable plastic sealing
• Small but high withstanding voltage
• Lineup of SMTs (surface mount type) also available
Miniature
Signal Relays



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com