Electronic Components Datasheet Search
  English  ▼

X  

EC2 Datasheet(PDF) 7 Page - NEC

Part # EC2
Description  Miniature Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 7 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
•Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
•Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
•Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
NEC TOKIN Miniature Relays keep on evolving.
In order to respond to various needs from customers, NEC TOKIN is creating new products
through continuous efforts for downsizing, weight saving, high performance, change of
mounting method, and so forth
The world’s smallest class signal
relay for use in telecommunications,
FA control, and measuring
equipment. UA&UB relays are the
ultra-compact type with a
mounting area of 60mm
2. UC&UD
relays are the ultra-compact type
with low profile of 5.45mm.
U Series
EX1, EX2&EU2 relay
U Series
EX1, EX2&EU2 relay
Ultra small signal relays
Miniature power relays for
Automotive electronic systems
These relays are suitable for motor
reversible control such as power
window and door lock, etc.
EX1&EX2 relays are the world’s
smallest class of mounting area.
EU2 relay is the surface mount
twin relay with the world’s lowest
profile (7.8mm).
EP1K relay is a high heat
resistance relay for junction boxes.
It is suitable for control of heaters
and fans, etc. It was developed
based on the EP1 relay, and the
performance of carrying current is
about 10A larger than the EP1
relay.
EP1K relay
EM1 relay
EP1K relay
EM1 relay
Miniature power relays for
Automotive electronic systems
Miniature power relays for
Automotive electronic systems
EM1 relay is a high heat resistance
relay for junction boxes. It is
suitable for large inrush current
loads such as lamps and
condensers, or heaters and fans.
Inrush current of 100A and
carrying current of 50A are
achieved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com