Electronic Components Datasheet Search
  English  ▼

X  

FEE19 Datasheet(PDF) 17 Page - NEC

Part # FEE19
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE19 Datasheet(HTML) 17 Page - NEC

Back Button FEE19 Datasheet HTML 13Page - NEC FEE19 Datasheet HTML 14Page - NEC FEE19 Datasheet HTML 15Page - NEC FEE19 Datasheet HTML 16Page - NEC FEE19 Datasheet HTML 17Page - NEC FEE19 Datasheet HTML 18Page - NEC FEE19 Datasheet HTML 19Page - NEC FEE19 Datasheet HTML 20Page - NEC FEE19 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
17
E-Type Bobbins
E-Type Bobbins
Bobbins
Type
φP
P1
P2
P3
Number of pins
Aw
Rw
Weight
(mm)
(mm)
(mm)
(mm2)
(mm)
(g)
EB16-P1206-F
3
0.7
3.25
6.5
10.65
6
22.4
37.6
0.91
EB19-P1207-F
3
0.7
4.0
12.0
11.0
7
33.6
41
1.0
EB19W-P1208-F
1
0.8
3.75
12.5
12.5
8
62.4
49.6
3.0
EB22-P1210-F
1
0.8
4.0
16.0
12.05
10
19
42
2
EB22-P1110-FA
2
0.8
5.08
20.32
12.7
10
22.3
41
4.3
EB25-P1208-F
1
0.8
5.0
15.0
12.5
8
42.3
53
2.8
EB28-P1210-F
1
0.8
5.0
20.0
17.5
10
42.4
63
3.2
EB28-P1212-F
1
0.8
5.0
25.0
18.0
12
45.3
64
3.5
EB30-P1208-F
3
0.8
5.0
15.0
17.5
8
43.1
62
2.0
EB30-P1212-F
1
0.8
5.0
25.0
20.0
12
40
65
4.9
EB35S-P1212-F
1
0.8
5.0
27.5
20.0
12
85.7
78
6.4
EB40-P1210-F
3
0.8
5.0
20.0
25.0
10
105
76
5.2
EB40-P1212-F
1
0.8
5.0
25.0
22.5
12
120
76
6.7
EB40-P1114-FA
2
1.0
5.08
30.48
22.86
14
104.8
79.1
11.5
Numbering System
FB 22 - P12 10 - F
① Core size
② P12: Vertical type,P11: Horizontal type
③ Number of pins
④ Material : Phenol resin
Bobbins
Type
A
B
C
E
X
Y
Z
t (min)
EB16-P1206-F
3
11.5
5.6
7.6
5.5
11.5
14
12.2
0.5
EB19-P1207-F
3
14.8
5.75
8.2
6
14.8
14.8
12
0.4
EB19W-P1208-F
1
13.8
7.3
19.2
6.5
17.5
17.7
29.3
0.8
EB22-P1210-F
1
12.6
7.95
8.35
6
20
15
16
0.85
EB22-P1110-FA
2
12.5
7.7
8.7
5
24
18.4
16.95
0.55
EB25-P1208-F
1
17.5
8.95
9.9
3.5
25
17.5
19.3
0.85
EB28-P1210-F
1
18.3
9.65
9.8
3.5
26
21.5
20.525
0.85
EB28-P1212-F
1
18.45
9.4
10
6.5
28.2
23.5
17
0.7
EB30-P1208-F
3
19.05
12.75
13.75
14.5
19.05
22
16.75
0.5
EB30-P1212-F
1
19.2
13.3
13.6
4.5
30
25
24.4
0.9
EB35S-P1212-F
1
23.9
12.64
15.425
5
34.5
27.5
27.425
0.9
EB40-P1210-F
3
26.35
14.15
17.2
16.5
26.35
30
22.4
0.7
EB40-P1212-F
1
26.5
14.3
17.7
4.5
32
28
15.6
0.9
EB40-P1114-FA
2
26.5
14.7
17.8
8
40
35
31.5
1.05
Shape and Dimensions
A
B
t min.
P1
P2
X
øP
Y
P3
A
B
P1
P2
X
t min.
øP
C
P3
Y
F
A
B
t min.
Y
P3
P1
P2
X
øP
© Type 1
© Type 2
© Type 3
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com