Electronic Components Datasheet Search
  English  ▼

X  

FEE33W Datasheet(PDF) 12 Page - NEC

Part # FEE33W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE33W Datasheet(HTML) 12 Page - NEC

Back Button FEE33W Datasheet HTML 8Page - NEC FEE33W Datasheet HTML 9Page - NEC FEE33W Datasheet HTML 10Page - NEC FEE33W Datasheet HTML 11Page - NEC FEE33W Datasheet HTML 12Page - NEC FEE33W Datasheet HTML 13Page - NEC FEE33W Datasheet HTML 14Page - NEC FEE33W Datasheet HTML 15Page - NEC FEE33W Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
12
Material Model
5H
7H
10H
12H
15H
Initial permeability
μ
i
5000±25%
7000±25%
10000±30%
12000±30%
15000±30%
Effective saturation magnetic flux density
Bms
23˚C
mT
460
460
430
420
430
(H=800A/m)
(H=800A/m)
(H=800A/m)
(H=800A/m)
(H=800A/m)
Effective saturation residual coercive force Brms
23˚C
mT
75
75
100
100
80
Effective saturation coercive force Hcms
23˚C
A/m
7.0
5.0
3.5
3.2
2.0
Relative loss factor
tan /
μ
i
10-6
<10
<10
<7
<7
<7
(100kHz)
(100kHz)
(10kHz)
(10kHz)
(10kHz)
Curie temperature
Tc
˚C
>130
>130
>120
>125
>120
Disaccommodation factor
DF
10-6
<3.0
<2.0
<2.0
<2.0
<2.0
Density
d
kg/m3
4.9 103
4.9 103
4.9 103
4.9 103
5.0 103
15H
15H
(Under development
Under development)
5H
5H
5H
7H
12H
12H
Frequency (kHz)
1
10
100
1000
10000
100
1000
10000
100000
Characteristics of i vs. Frequency
-40
0
40
80
120
160
0
5000
10000
15000
20000
25000
30000
Temperature (
°C)
1H
10H
12H
7H
5H
Initial permeability vs. Temperature
5H type B-H Curves at DC Magnetic field
0
200
400
600
800
1000
H (A/m)
600
500
400
300
200
100
0
-30
°C
0
°C
20
°C
40
°C
70
°C
100
°C
12H type B-H Curves at DC Magnetic field
0200
400
600
800
1000
H (A/m)
600
500
400
300
200
100
0
-30
°C
0
°C
23
°C
60
°C
100
°C
12H
10H
15H
(開発中)
15H
(開発中)
15H
15H
(Under development
Under development
15H
(Under development)
15H
(Under development)
μ
High-μCompound Standard Material Characteristics
フェライトコア5版_E 10.1.23 13:24 ページ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com