Electronic Components Datasheet Search
  English  ▼

X  

FEE35SW Datasheet(PDF) 28 Page - NEC

Part # FEE35SW
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE35SW Datasheet(HTML) 28 Page - NEC

Back Button FEE35SW Datasheet HTML 24Page - NEC FEE35SW Datasheet HTML 25Page - NEC FEE35SW Datasheet HTML 26Page - NEC FEE35SW Datasheet HTML 27Page - NEC FEE35SW Datasheet HTML 28Page - NEC FEE35SW Datasheet HTML 29Page - NEC FEE35SW Datasheet HTML 30Page - NEC FEE35SW Datasheet HTML 31Page - NEC FEE35SW Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
28
P-Type Cores
P-Type Cores
Cores
C
1
Ae
Re
Ve
AL
Weight
Bobbin Item
(mm-1)
(mm2)
(mm3)
(nH)
(g)
FP0905-I-22
1.25
10.0
12.5
125
1100nom.
(BH2)
0.8
PB0905-1
1570±25%
(5H)
FP1107-I-22
1.00
15.9
15.9
252
1700nom.
(BH2)
1.6
PB1107-1
2320±25%
(5H)
PB1107-2
FP1408-I-22
0.80
25.0
20.0
500
2520nom.
(BH2)
2.9
PB1408-1
3000±25%
(5H)
PB1408-2
11300±30% (12H)
PB1408-P124
FP1811-I-22
0.60
43.2
25.9
1120
3450nom.
(BH2)
6.4
PB1811-1
4500±25%
(5H)
PB1811-2
12000±30% (12H)
PB1811-P126
FP2213-I-22
0.50
63.3
31.6
2000
5900±25%
(5H)
12.4
PB2213-1
PB2213-2
PB2213-P126
FP2616-I-22
0.40
93.0
37.2
3460
7800±25%
(5H)
21.6
PB2616-1
PB2616-2
PB2616-P126
FP3019-I-22
0.33
136
44.8
6100
9800±25%
(5H)
36.2
PB3019-1
PB3019-2
PB3019-P126
FP3622-I-22
0.26
202
52.4
10600
13300±25% (5H)
60
PB3622-1
PB3622-2
B
A
Shape and Dimesions
Cores
A
B
C
D
2H
2I
FP0905-I-22
9.30+0
–0.35
7.50+0.35
–0
3.90+0
–0.20
2.00+0.15
–0
5.40+0
–0.30
3.60+0.50
–0
FP1107-I-22
11.30+0
–0.40
9.00+0.40
–0
4.70+0
–0.20
2.00+0.15
–0
6.60+0
–0.30
4.40+0.30
–0
FP1408-I-22
14.10+0
–0.40
11.60+0.40
–0
6.00+0
–.020
3.00+0.15
–0
8.40+0
–.040
5.60+0.50
–0
FP1811-I-22
18.00+0
–0.50
14.90+0.50
–0
7.60+0
–0.30
3.00+0.15
–0
10.60+0
–0.40
7.20+0.60
–0
FP2213-I-22
22.00+0
–0.60
17.90+0.60
–0
9.40+0
–0.40
4.40+0.20
–0
13.60+0
–0.40
9.20+0.60
–0
FP2616-I-22
26.00+0
–1.00
21.20+0.80
–0
11.50+0
–0.40
5.50+0.20
–0
16.30+0
–0.40
11.00+0.40
–0
FP3019-I-22
30.50+0
–1.00
25.00+0.80
–0
13.50+0
–0.40
5.50+0.20
–0
19.00+0
–0.40
13.00+0.40
–0
FP3622-I-22
36.00+0
–1.00
29.90+0.80
–0
16.20+0
–0.40
5.50+0.20
–0
22.00+0
–0.40
14.60+0.40
–0
Numbering System
FP1811 I- 2 2 5H
① Core size
② Number of slots of cores
③ Cores material
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com