Electronic Components Datasheet Search
  English  ▼

X  

FEE11 Datasheet(PDF) 29 Page - NEC

Part # FEE11
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE11 Datasheet(HTML) 29 Page - NEC

Back Button FEE11 Datasheet HTML 25Page - NEC FEE11 Datasheet HTML 26Page - NEC FEE11 Datasheet HTML 27Page - NEC FEE11 Datasheet HTML 28Page - NEC FEE11 Datasheet HTML 29Page - NEC FEE11 Datasheet HTML 30Page - NEC FEE11 Datasheet HTML 31Page - NEC FEE11 Datasheet HTML 32Page - NEC FEE11 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
29
RM-Type Cores
RM-Type Cores
Cores
Type
C
1
Ae
Re
Ve
AL
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(nH)
(g)
FQ0910-RM4
3
1.62
1.40
22.7
318
1240±25% (5H)
1.7
3100±25% (7H)
4100±30% (10H)
4950±30% (12H)*
FQ1210-RM5
1
1.02
21.0
21.4
450
1350min
(BH2)
2.8
2220±25% (5H)
5800±25% (7H)
8800±30% (10H)
9100±30% (12H)*
FQ1412-RM6
2
0.86
31.0
27.0
837
1720min
(BH2)
4.6
3300±25% (5H)
6000±25% (7H)
8500±30% (10H)
11500±30%(12H)*
FQ1916-RM8
2
0.67
52.0
35.1
1825
2200min
(BH2)
10.4
4300±25% (5H)
9800±25% (7H)
13800±30%(10H)
15200±30%(12H)*
FQ2418-RM10
3
0.45
98.0
44.0
4312
6620±25% (5H)
23
13800±25%(7H)
18800±30%(10H)
E
E
E
D
C
B
F
D
C
C
B
B
F
F
Shape and Dimensions
Cores
A
B
C
D
E
F
G
2H
2I
FQ0910-RM4
9.60±0.20
8.15±0.20
3.80±0.10
5.80
10.80±0.20
4.45±0.15
10.40±0.10
7.20±0.25
FQ1210-RM5
12.05±0.25
10.40±0.20
4.80±0.10
2.05±0.05
6.00
14.65±0.25
6.60±0.20
10.40±0.10
6.50±0.20
FQ1412-RM6
14.40±0.30
12.65±0.25
6.30±0.10
3.05±0.05
8.40
17.60±0.30
8.10±0.10
12.40±0.10
8.20±0.20
FQ1916-RM8
19.35±0.35
17.30±0.30
8.40±0.15
4.50±0.10
9.80
22.75±0.45
(11.0)
16.40±0.10
11.00±0.20
FQ2418-RM10 24.15±0.55
21.65±0.45
10.70±0.20
11.30
27.85±0.65
13.25±0.25
18.60±0.10
12.70±0.30
Numbering System
FQ1412-RM6 - 12H
① Core size
② Core material
*1kHz 0.5mA
[mm]
© Type1
© Type2
© Type3
フェライトコア5版_E 10.1.23 13:24 ページ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com