Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 1 Page - NEC

Part # F20
Description  New High Speed Decoupling Device Proadlizer PF/A Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

F20 Datasheet(HTML) 1 Page - NEC

  F20 Datasheet HTML 1Page - NEC F20 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653PFAVOL08E0912E1
Vol.
08
New High Speed Decoupling Device
Proadlizer
® PF/A Series
DIMENSIONS [mm]
Positive
electrode
Positive
electrode
Negative
electrode
Z1
Z2
P1
P2
L
++
GND
0E 128
mm
Case Code
F25
F20
121220
W1
12.1
±0.2
12.1
±0.2
12.0
±0.2
W2
11.9
±0.2
11.9
±0.2
11.9
±0.2
Z1
1.0
±0.2
1.0
±0.2
0.9
±0.2
Z2
1.2
±0.2
1.2
±0.2
0.8
±0.2
P1
8.0
±0.2
8.0
±0.2
5.1
±0.2
P2
13.0
±0.2
13.0
±0.2
8.7
±0.2
H
2.5Max
2.0Max
2.0Max
L
16.7
±0.2
16.7
±0.2
12.0
±0.2
LAYOUT LAND PATTERN (Tentative)
Case Code
F25, F20
1212
a1
1.6
1.6
a2
1.8
1.8
b1
14.2
14.2
c1
16.4
11.9
c2
13.2
8.7
c3
10.2
6.7
c4
6.6
3.1
mm
a1
a2
c1
c2
c3
c4
FEATURES
• Excellent noise absorption performance at GHz
frequency
• Extreme low ESL and high current capability
• High Capacitance and very low ESR based on
our Conductive Polymer technology
• Distributed capacitance architecture and
transmission-line structure
APPLICATION
• High speed and high power CPU and Gbps
backplane decoupling
• EMI solution for 10 MHz range or above
• High switching frequency DC/DC converter output
capacitor
NOTE (reference)
Mounting
plane
Back surface
V out
Proadlizer
Vcc Layer
GND Layer
Vin
Vout
Proadlizer
Vin
ex.1 Filter circuit design
ex.2 Decoupling circuit design
ex.1
An effecting filtering performance can be achieved by
separating input and output in the VCC layer.
ex.2 An effective decoupling performance can be achieved
by not separating Vcc layer. This method also makes
surface mounting of loads(CPU etc.) efficient.
Proadlizer
® PF/A Series
PERFORMANCE (reference)
-120
-100
-80
-60
-40
-20
0
0.1
1
10
100
1000
Frequency ( MHz )
Attenuation(S21)*−frequency characteristics
PFAF250E128M
*Ploadlizer alone


Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
List of Unclassifed Man...
F20 ETC2-F20 Datasheet
1Mb / 111P
8-ch normal DMA controllers and 8-ch dedicated DMA controllers
More results

Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LVT22V10 PHILIPS-LVT22V10 Datasheet
185Kb / 20P
3V high speed, universal PLD device
1998 Feb 10
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
Samsung semiconductor
LTM170EI-V01 SAMSUNG-LTM170EI-V01 Datasheet
361Kb / 19P
a new consept of System-On-Panel (SOP) display device
logo
NEC
PFB8553200G226MB NEC-PFB8553200G226MB Datasheet
565Kb / 2P
New High Speed Decoupling Device Proadlizer짰 PF/B Series
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
The U74LVC1G66 is a high-speed CMOS device.
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
One device for EMI suppression or decoupling
logo
Agilent(Hewlett-Packard...
E4982A HP-E4982A Datasheet
7Mb / 16P
New Standard for High-Speed Component Tests
logo
STMicroelectronics
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
logo
Shenzhen Huazhimei Semi...
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
high-speed CMOS device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com