Electronic Components Datasheet Search
  English  ▼

X  

DAC716 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC716
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC716 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC716 Datasheet HTML 3Page - Texas Instruments DAC716 Datasheet HTML 4Page - Texas Instruments DAC716 Datasheet HTML 5Page - Texas Instruments DAC716 Datasheet HTML 6Page - Texas Instruments DAC716 Datasheet HTML 7Page - Texas Instruments DAC716 Datasheet HTML 8Page - Texas Instruments DAC716 Datasheet HTML 9Page - Texas Instruments DAC716 Datasheet HTML 10Page - Texas Instruments DAC716 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
DAC716
FIGURE 1. DAC716 Block Diagram.
FIGURE 2. Equivalent Circuit of Digital Inputs.
FIGURE 3. Relationship of Offset and Gain Adjustments.
Gain Adjustment
Apply the digital input that gives the maximum positive
voltage output. Adjust the gain potentiometer or the gain
adjust D/A converter for this positive full scale voltage.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a unipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
Offset Adjustment
Apply the digital input code, 0000, that produces 0V and adjust
the offset potentiometer or the offset adjust D/A converter for
0V.
Shift Register
DAC Latch
14
12
+10V
Reference
8
6
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
4
SDI
5
SDO
16
2
A
0
3
A
1
1
16
CLK
CLR
15
– V
CC
Offset
Adjust
13
NC
11
NC
10
9
V
OUT
D/A Switches
–V
CC
+2.5V
15k
Ω
180
Ω
9.75k
Ω
5k
Ω
R
R = 1k
Ω: A
0, A1, CLK, CLR, SDI
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
1LSB
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
FFFF
H
8000
H
0000
H
Full Scale
Range
Gain Adjust
Rotates the Line
Zero
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%
+ Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com