Electronic Components Datasheet Search
  English  ▼

X  

HC161 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # HC161
Description  Presettable Counters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC161 Datasheet(HTML) 5 Page - System Logic Semiconductor

  HC161 Datasheet HTML 1Page - System Logic Semiconductor HC161 Datasheet HTML 2Page - System Logic Semiconductor HC161 Datasheet HTML 3Page - System Logic Semiconductor HC161 Datasheet HTML 4Page - System Logic Semiconductor HC161 Datasheet HTML 5Page - System Logic Semiconductor HC161 Datasheet HTML 6Page - System Logic Semiconductor HC161 Datasheet HTML 7Page - System Logic Semiconductor HC161 Datasheet HTML 8Page - System Logic Semiconductor HC161 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL74HC161
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Preset Data Inputs to Clock
(Figure 4)
2.0
4.5
6.0
40
15
12
60
20
18
80
30
20
ns
tSU
Minimum Setup Time, Load to Clock
(Figure 4)
2.0
4.5
6.0
60
15
12
75
20
18
90
30
20
ns
tSU
Minimum Setup Time, Enable T or Enable P to
Clock (Figure 5)
2.0
4.5
6.0
80
20
17
95
25
23
110
35
25
ns
th
Minimum Hold Time, Clock to Load or Preset Data
Inputs (Figure 4)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
th
Minimum Hold Time, Clock to Enable T or Enable
P (Figure 5)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
trec
Minimum Recovery Time, Reset Inactive to Clock
(Figure 2)
2.0
4.5
6.0
80
15
12
95
20
17
110
26
23
ns
trec
Minimum Recovery Time, Load Inactive to Clock
(Figure 4)
2.0
4.5
6.0
80
15
12
95
20
17
110
26
23
ns
tw
Minimum Pulse Width, Clock (Figure 1)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tw
Minimum Pulse Width, Reset (Figure 2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com