Electronic Components Datasheet Search
  English  ▼

X  

FS0H104ZF Datasheet(PDF) 13 Page - NEC

Part # FS0H104ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H104ZF Datasheet(HTML) 13 Page - NEC

Back Button FS0H104ZF Datasheet HTML 9Page - NEC FS0H104ZF Datasheet HTML 10Page - NEC FS0H104ZF Datasheet HTML 11Page - NEC FS0H104ZF Datasheet HTML 12Page - NEC FS0H104ZF Datasheet HTML 13Page - NEC FS0H104ZF Datasheet HTML 14Page - NEC FS0H104ZF Datasheet HTML 15Page - NEC FS0H104ZF Datasheet HTML 16Page - NEC FS0H104ZF Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 13
Dimensions
5.5V
473
A1
E
+
–
Nominal capacitance
E:FME type marking
L :FML type marking
R:FMR type marking
Negative polarity identification
Date code
Polarity
MAX operating
voltage
0.5±0.1
0.4±0.1
10.5±0.5
5±0.5
T±0.5
N T
(
Unit:mm)
6.2 FM Series
L=2.2 to 5mm
Lead length designation
For transverse mounting <L1>
Lead terminal forming example
Markings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com