Electronic Components Datasheet Search
  English  ▼

X  

PSLP0G106M Datasheet(PDF) 4 Page - NEC

Part # PSLP0G106M
Description  PL/L Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLP0G106M Datasheet(HTML) 4 Page - NEC

  PSLP0G106M Datasheet HTML 1Page - NEC PSLP0G106M Datasheet HTML 2Page - NEC PSLP0G106M Datasheet HTML 3Page - NEC PSLP0G106M Datasheet HTML 4Page - NEC PSLP0G106M Datasheet HTML 5Page - NEC PSLP0G106M Datasheet HTML 6Page - NEC PSLP0G106M Datasheet HTML 7Page - NEC PSLP0G106M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
13
í PERFORMANCE CHARACTERISTICS
Test Conditions : Conform to IEC 60384-1
at 105℃
at 85℃
at 120 Hz
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
Reflow soldering method 240℃,
10 sec.Max.
13V
8V
10V
20V
12.8V
16V
23V
16V
20V
29V
20V
25V
5.2V
3.3V
4V
8V
5V
6.3V
3.3V
2V
2.5V
Lower than initial
specification
Parts shall be temperature cycled
over a temperature range of –55 to
+105℃, five times continuously as
follow.
Step 1: –55 ℃, 30±3min.
Step 2: room temp. , 10 to 15min.
Step 3: 105 ℃, 30±3min.
Step 4: room temp, 10 to 15min.
at 40℃
at 90 to 95% RH
500 hour
at 85℃
at rated voltage
1000 hour
Strength : 4.9N
Time : 10±0.5sec.
(two directions)
Lower than initial
specification
Lower than initial
specification
PERFORMANCE
TEST CONDITION
Dissipation Factor
DC Leakage Current (L.C)
Capacitance tolerance
Capacitance
Surge voltage (V.dc)
Derated voltage (V.dc)
Rated voltage (V.dc)
Operating temperature
–55℃ to +105℃
ITEM
Surge voltage test
2.2 F to 1000 F
L.C
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 120 Hz
±20%
λ0 = 1% / 1000 hour
Visual:
There shall be no evidence of mechanical damage
Refer to Standard Ratings
from +30% to –20%
Refer to Standard Ratings
at 85℃: rated voltage
at 105℃: derated voltage
1000 hour
Lower than initial
specification
Lower than 1.5 times initial
specification
Endurance I
Lower than initial
specification
Refer to Standard Ratings
Lower than 3 times initial
specification
Endurance II
Damp heat
Failure Rate
Terminal Strength
Lower than 1.5 times initial
specification
Voltage:
Rated voltage for 5min.
Temperature : 85±2℃
Applied voltage : Surge voltage
Series resistance : 33 ohm
Duration of surge : 30±5 sec
Time between surge : 5.5min.
Number of cycle : 1000
0.1C • V( A) or 3 A (J case:10 A) , whichever is greater
Lower than initial
specification
Lower than initial
specification
Capacitance change
DF(%)
Rapid change of
temperature
Resistance to Soldering
heat
Characteristic
at high and low
temperature
Lower than 1.3 times initial
specification
–55℃
+105℃
from 0 to –20%
from 0 to +50%
Lower than initial
specification
Refer to Standard Ratings
Lower than initial
specification
Lower than 1.5 times
initial specification
Lower than 10 times
initial specification
Step 1: 25±2℃
Step 2: –55 ℃
Step 3: 25±2℃
Step 4: 105 ℃
0
–3
0
–3
0
–3
0
–3
Permissible ripple current
Refer to Ratings Table
at 100 kHz or 300 kHz
refer to STANDARD RATINGS
Conform to IEC60384–1
Conform to IEC60384–1
Others
at 105℃
at Derated voltage
1000 hour
————
Derated voltage at 85℃ at more
*1
Equivalent Series Resistance
Rated voltage 2.5 to 16V: at 85℃
Rated voltage over 20V: at 15 to 35℃
[UT] = [UR] –
[UR] – [UC]
20
Reference : Derated voltage (85 to 105
°C)
[UT] : Derated voltage at operating temperature
[UR] : Rated voltage
[UC] : Derated voltage at 105
°C
T : Operating temperature
(T–85)
5HIHUWRWKHSDJH´127(62186,1*1HR&DSDFLWRU0RXQWLQJ  5HÁRZVROGHULQJ E 7HPSHUDWXUHDQGWLPHµ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com