Electronic Components Datasheet Search
  English  ▼

X  

FA102 Datasheet(PDF) 3 Page - 3M Electronics

Part # FA102
Description  3M™ Tamper-Evident Label Materials
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FA102 Datasheet(HTML) 3 Page - 3M Electronics

  FA102 Datasheet HTML 1Page - 3M Electronics FA102 Datasheet HTML 2Page - 3M Electronics FA102 Datasheet HTML 3Page - 3M Electronics FA102 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Tamper-Evident Label
FMV02 flashes a bright
“VOID” alert when peeled off.
3M™ Tamper-Evident Label
76901 clearly warns to
STOP when removing the
label. The warning remains
obvious if attempts are
made to replace it.
3M™ Tamper-Evident Label Materials
Note: Technical information and data above should be considered representative only and should not be used for specification purposes.
Product
Description
Adhesive Caliper
Liner
Top Coat
Comments
Destructible
7613T
White vinyl
350
2.0
55# densified Kraft
Yes
Smooth, white, topcoated film for immediate destructibility on many surfaces; adhesive
permanently bonds to high and low surface energy plastics, textured and contoured
surfaces, powder coatings, and slightly oily metals; good UV resistance; UL/CSA recognized
FA102
White acetate
P1212
2.0
50# super
No
Film fractures upon removal; good for security seals; high speed die cutting liner;
calendared Kraft
FDA compliant for indirect food contact
7110
White paper
320
2.0
43# densified Kraft
No
Press printable and writable; adheres well to most high and low surface energy substrates;
survives autoclaving while adhered to most surfaces; excellent resistance to flagging on
small diameter vials and containers
FA112
Clear acetate
P1212
2.0
50# super
No
Film fractures upon removal; good for security seals; high speed die cutting liner; FDA
calendared Kraft
compliant for indirect food contact
Void
7381
White PET
300
2.3
55# densified Kraft
No
White "VOID" message when removed; compact image for small labels; adhesive bonds well
to a wide variety of high and low surface energy plastics, UL/CSA recognized
FMV22
White PET
P1410
2,0
50# super
Yes
White "VOID" message when removed; general purpose adhesive bonds to a variety of
calendared Kraft
substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat
printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect
food contact
FMV02
Silver PET
P1410
2.0
50# super
Yes
Silver "VOID" message when removed; general purpose adhesive bonds to a variety of
calendared Kraft
substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat
printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect
food contact
Triangle
FMV01402
White PET
P1410
2.0
50# super calendared
Yes
White triangle pattern when removed; general purpose adhesive bonds to a variety of
Kraft-Remoist
substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting
liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer
ribbons; FDA compliant for indirect food contact
FMV01202
Silver PET
P1410
2.0
50# super calendared
Yes
Silver triangle pattern when removed; general purpose adhesive bonds to a variety of
Kraft-Remoist
substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting
liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer
ribbons; FDA compliant for indirect food contact
Stop
76901
Purple
Acrylic
1.0
65g/m2 White
Yes
Designed for high security; high density printable polyethylene film; permanent adhesive
Polyethylene
densified Glassine
fractures a "STOP" message onto the substrate when removed making it impossible to
replace the label undetected; bonds to many substrates
76903
Purple
Acrylic
1.0
65g/m2 White
Yes
Designed for high security; high density printable polyethylene film; non-permanent
Polyethylene
densified Glassine
adhesive fractures a "STOP" message on the face of the label; leaves no adhesive residue
and makes it impossible to replace the label undetected; adhesive bonds to many substrates
8
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com