Electronic Components Datasheet Search
  English  ▼

X  

FE0H473ZF Datasheet(PDF) 35 Page - NEC

Part # FE0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FE0H473ZF Datasheet(HTML) 35 Page - NEC

Back Button FE0H473ZF Datasheet HTML 31Page - NEC FE0H473ZF Datasheet HTML 32Page - NEC FE0H473ZF Datasheet HTML 33Page - NEC FE0H473ZF Datasheet HTML 34Page - NEC FE0H473ZF Datasheet HTML 35Page - NEC FE0H473ZF Datasheet HTML 36Page - NEC FE0H473ZF Datasheet HTML 37Page - NEC FE0H473ZF Datasheet HTML 38Page - NEC FE0H473ZF Datasheet HTML 39Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 35
9. Measurement Conditions
VC
RC
EO
Swich
C
+
–
EO: 3.0 (V) … Product with maximum operating voltage
3.5 V
5.0 (V) … Product with maximum operating voltage
5.5 V
6.0 (V) … Product with maximum operating voltage
6.5 V
10.0 (V) … Product with maximum operating voltage
11 V
12.0 (V) … Product with maximum operating voltage
12 V
τ
: Time from start of charging until Vc becomes
0.632E0 (V) (sec)
RC:See table below (Ω).
Capacitance: C =
(F)
(9)
τ
RC
Capacitance (Discharge System)
In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the condensor terminal
reaches 5.5 V.
Then, use a constant current load device and measure the time for the terminal voltage to drop from 3.0 to 2.5 V upon
discharge at 0.22 mA for 0.22 F, for example, and calculate the static capacitance according to the equation shown below.
Note: The current value is 1 mA discharged per 1F.
A
V
CR
5.5V
SW 0.22mA(I)
30 min.
T1
T2
V1 : 2.5V
V1 : 3.0V
5.5V
V1
V2
Duration (sec.)
Table 3 Capacitance measurement
Capactance:C=
(F)
I×(T2−T1)
V1−V2
(1) Capacitance ( Charge System )
Capacitance is calculated from expression (9) by measuring the charge time constant ( τ ) of the capacitor (C). Prior to
measurement, short between both pins of the capacitor for 30 minutes or more to let it discharge. In addition, follow the indication
of the product when determining the polarity of the capacitor during charging.
FA
FE
FS
FY
FR
FM, FME
FMR, FML
FMC
FG
FGR
FGH
FT
FC, FCH
FCS
FYD
FYH
FYL
0.010F
–
–
–
–
–
5000 Ω
–
5000 Ω
–
5000 Ω
–––
0.022F
1000 Ω
–
1000 Ω 2000 Ω 2000 Ω 2000 Ω 2000 Ω
2000 Ω
–
2000 Ω
––
Discharge
0.033F
–
–
–
––––
Discharge
–––––
0.043F
–
–
–
––––
–
––––
Discharge
0.047F
1000 Ω 1000 Ω 1000 Ω 2000 Ω 1000 Ω 2000 Ω 1000 Ω
2000 Ω
1000 Ω 2000 Ω
–––
0.068F
–
–
–
––––
–
––––
Discharge
0.10F
510 Ω
510 Ω
510 Ω
1000 Ω
510 Ω
–
1000 Ω
1000 Ω
1000 Ω 1000 Ω Discharge 510 Ω Discharge
0.22F
200 Ω
200 Ω
200 Ω
510 Ω
510 Ω
–
510 Ω
0H: Discharge
0V: 1000 Ω
–
1000 Ω Discharge 200 Ω Discharge
0.33F
–
–
–
––––
–
Discharge
––––
0.47F
100 Ω
100 Ω
100 Ω
200 Ω
200 Ω
–
200 Ω
–
–
1000 Ω Discharge 100 Ω Discharge
1.0F
51 Ω
51 Ω
100 Ω
100 Ω
100 Ω
–
100 Ω
–
–
510 Ω Discharge 100 Ω Discharge
1.4F
–
–
–
200 Ω
–––
–
–––––
1.5F
–
51 Ω
–––––
–
–
510 Ω
–––
2.2F
–
–
–
100 Ω
–
–
–
–
–
200 Ω
–
51 Ω
–
3.3F
–
–
–
––––
–
–––
51 Ω
–
4.7F
–
–
–
––––
–
–
100 Ω
–––
5.0F
–
–
100 Ω
––––
–
–––––
5.6F
–
–
–
––––
–
–––
20 Ω
–
*Capacitance values according to the constant current discharge method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com