Electronic Components Datasheet Search
  English  ▼

X  

S150 Datasheet(PDF) 2 Page - 3M Electronics

Part # S150
Description  Safety & Security Window Films
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

S150 Datasheet(HTML) 2 Page - 3M Electronics

  S150 Datasheet HTML 1Page - 3M Electronics S150 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Renewable Energy Division
3M Center, 235-2S-27
St. Paul, MN 55144-1000
www.3M.com/windowfilm
Visible Light
Transmitted
Total Solar Energy
Rejected
UV Light Rejected
Glare Reduction
Visible Light
Reflected
Solar Heat
Gain Coefficient
U Value
87%
19%
98%
2%
11%
0.82
1.03
47%
41%
99%
11%
7%
0.59
1.03
77%
32%
99%
3%
17%
0.68
0.47
45%
54%
99%
5%
8%
0.46
0.47
Glass Type
(All 1/4")
Single
Pane
Clear
Single
Pane
Tinted
Double
Pane
Clear
Double
Pane
Tinted
Enhancing safety
as only 3M can
Ultra S150
Printed in U.S.A. © 3M 2011 70-0703-7195-3 (111.4)ii
No UV Protection or Abrasion Coating has been applied to this sample card.
Exterior View



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com