Electronic Components Datasheet Search
  English  ▼

X  

VC-210FA Datasheet(PDF) 27 Page - NEC

Part # VC-210FA
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VC-210FA Datasheet(HTML) 27 Page - NEC

Back Button VC-210FA Datasheet HTML 23Page - NEC VC-210FA Datasheet HTML 24Page - NEC VC-210FA Datasheet HTML 25Page - NEC VC-210FA Datasheet HTML 26Page - NEC VC-210FA Datasheet HTML 27Page - NEC VC-210FA Datasheet HTML 28Page - NEC VC-210FA Datasheet HTML 29Page - NEC VC-210FA Datasheet HTML 30Page - NEC VC-210FA Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Noise Filters VOL.11
27
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Casing Type
Metal box
70
60
50
40
30
20
10
0
HFP-2153
HFP-2303
HFP-2303A1
HFP-4153A
HFP-4503A
Input pulse peak voltage (V)
200
400
600
800 1000 1200 1400 1600 1800 2000
70
60
50
40
30
20
10
0
Input pulse peak voltage (V)
200
400
600
800 1000 1200 1400 1600 1800 2000
80
HFP-2303A1 Normal mode
100
60
40
20
0
HFP-2303A Common mode
HFP-2303 Common mode
HFP-2153 Common mode
HFP-2303 Normal mode
HFP-2153 Normal mode
HFP-4153A Common mode
HFP-4503A Common mode
HFP-4503A Normal mode
HFP-4153A Normal mode
Frequency (MHz)
0.15
1.0
10
30
80
100
60
40
20
0
Frequency (MHz)
0.15
1.0
10
30
Pulse Attenuation Example
Attenuation (Static Characteristics)
bHFP-2153, 2303, 2303A1
bHFP-4153A, 4503A
IN
OUT
IN
OUT
FG
FG
Circuit Diagram
bCommon mode
bNormal mode
bPulse characteristic measuring circuit
P
Z 0
Z 0
P : Power divider
Z 0 : 50
Z 0 : 50
Z 0
Z 0
100V
50Hz
Noise
simulator
HTG2121
50
50
50
Vo
Oscillo-
scope
Vi
EMI/EMC
filter
EMI/EMC
filter
EMI/EMC
filter
Measuring Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com