Electronic Components Datasheet Search
  English  ▼

X  

AD9518-0ABCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9518-0ABCPZ
Description  6-Output Clock Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-0ABCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9518-0ABCPZ Datasheet HTML 42Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 43Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 44Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 45Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 46Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 47Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 48Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 49Page - Analog Devices AD9518-0ABCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
AD9518-0
Data Sheet
Rev. C | Page 46 of 64
Reg.
Addr.
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
LVPECL Outputs
0x0F0
OUT0
Blank
OUT0
invert
OUT0 LVPECL
differential voltage
OUT0 power-down
0x08
0x0F1
OUT1
Blank
OUT1
invert
OUT1 LVPECL
differential voltage
OUT1 power-down
0x0A
0x0F2
OUT2
Blank
OUT2
invert
OUT2 LVPECL
differential voltage
OUT2 power-down
0x08
0x0F3
OUT3
Blank
OUT3
invert
OUT3 LVPECL
differential voltage
OUT3 power-down
0x0A
0x0F4
OUT4
Blank
OUT4
invert
OUT4 LVPECL
differential voltage
OUT4 power-down
0x08
0x0F5
OUT5
Blank
OUT5
invert
OUT5 LVPECL
differential voltage
OUT5 power-down
0x0A
0x0F6
to
0x13F
Blank
0x140
to
0x143
Reserved
0x144
to
0x18F
Blank
LVPECL Channel Dividers
0x190
Divider 0
(PECL)
Divider 0 low cycles
Divider 0 high cycles
0x00
0x191
Divider 0
bypass
Divider 0
nosync
Divider 0
force high
Divider 0
start high
Divider 0 phase offset
0x80
0x192
Blank
Reserved
Divider 0
direct to
output
Divider 0
DCCOFF
0x00
0x193
Divider 1
(PECL)
Divider 1 low cycles
Divider 1 high cycles
0xBB
0x194
Divider 1
bypass
Divider 1
nosync
Divider 1
force high
Divider 1
start high
Divider 1 phase offset
0x00
0x195
Blank
Reserved
Divider 1
direct to
output
Divider 1
DCCOFF
0x00
0x196
Divider 2
(PECL)
Divider 2 low cycles
Divider 2 high cycles
0x00
0x197
Divider 2
bypass
Divider 2
nosync
Divider 2
force high
Divider 2
start high
Divider 2 phase offset
0x00
0x198
Blank
Reserved
Divider 2
direct to
output
Divider 2
DCCOFF
0x00
0x199
to
0x1A3
Reserved
0x1A4
to
0x1DF
Blank
VCO Divider and CLK Input
0x1E0
VCO divider
Blank
Reserved
VCO Divider
0x02
0x1E1
Input CLKs
Reserved
Power
down
clock input
section
Power down
VCO clock
interface
Power
down VCO
and CLK
Select
VCO or CLK
Bypass VCO
divider
0x00
0x1E2
to
0x22A
Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com