Electronic Components Datasheet Search
  English  ▼

X  

D-45C Datasheet(PDF) 39 Page - NEC

Part # D-45C
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-45C Datasheet(HTML) 39 Page - NEC

Back Button D-45C Datasheet HTML 35Page - NEC D-45C Datasheet HTML 36Page - NEC D-45C Datasheet HTML 37Page - NEC D-45C Datasheet HTML 38Page - NEC D-45C Datasheet HTML 39Page - NEC D-45C Datasheet HTML 40Page - NEC D-45C Datasheet HTML 41Page - NEC D-45C Datasheet HTML 42Page - NEC D-45C Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Signal Line
bM-538CT, M-532CT
bM-521CT, M-522CT
 M-523CT, M-524CT
bM-542CT, M-543CT
bM-608T, M-614T, M-620T
5.5
10
5.5
10
5.5
10
6.0
14
Recommended Land Pattern
[mm]
Impedance vs. Frequency
M-500CT Series
M-600T Series
10
100
1000
Frequency (MHz)
100
1K
10
10K
620T
614T
608T
10
100
1000
100
1K
538CT
M-522CT, M-523CT
M-521CT, M-543CT
M-524CT
10
10K
Frequency (MHz)
M-542CT
M-538CT
M-532CT
bM-521CT, M-522CT, M-523CT, M-524CT
1
2
4
3
1
2
8
7
3
4
6
5
bM-543CT
3
2
1
bM-532CT, M-538CT
4
3
2
1
4
5
6
5
6
7
8
bM-542CT
bM-608T, M-614T, M-620T
1
2
3
4
Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com