Electronic Components Datasheet Search
  English  ▼

X  

D-47C Datasheet(PDF) 13 Page - NEC

Part # D-47C
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-47C Datasheet(HTML) 13 Page - NEC

Back Button D-47C Datasheet HTML 9Page - NEC D-47C Datasheet HTML 10Page - NEC D-47C Datasheet HTML 11Page - NEC D-47C Datasheet HTML 12Page - NEC D-47C Datasheet HTML 13Page - NEC D-47C Datasheet HTML 14Page - NEC D-47C Datasheet HTML 15Page - NEC D-47C Datasheet HTML 16Page - NEC D-47C Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Signal Line
ESD-H-12E
ESD-R-12C
16
20
5
25
7
UL1007 AWG26 (ø0.4)
Bi-filar winding
Up to 300
ESD-H-14U
ESD-R-14A
17.5
7
5
15
10
UL1609 AWG26 (ø0.4)
Bi-filar winding
Up to 100
ESD-H-14NU
ESD-R-14C2
17.5
7
5
15
10
UL1609 AWG26 (ø0.4)
Bi-filar winding
Up to 300
Model
Core
Dimensions (mm)
No. of turns
Wire
Winding status
Frequency range
ABC
D
(MHz)
Toroidal Cores with
Wound Cables
[RoHS Compliant]
Toroidal Cores with
Wound Cables
[RoHS Compliant]
50
10
5K
10K
1K
500
100
14U
14NU
1
1K
100
10
12E
5
10
50
100
500
1
Frequency (MHz)
5
10
50
100
500
1
Frequency (MHz)
Impedance vs. Frequency
bESD-H Series
A
B
Shape and Dimensions
Circuit Diagram
• Recommended soldering conditions: 350±10˚C, 2 to 3 sec.
• Rated current:1A
• Rated Voltage: 125V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com