Electronic Components Datasheet Search
  English  ▼

X  

D-55C Datasheet(PDF) 21 Page - NEC

Part # D-55C
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-55C Datasheet(HTML) 21 Page - NEC

Back Button D-55C Datasheet HTML 17Page - NEC D-55C Datasheet HTML 18Page - NEC D-55C Datasheet HTML 19Page - NEC D-55C Datasheet HTML 20Page - NEC D-55C Datasheet HTML 21Page - NEC D-55C Datasheet HTML 22Page - NEC D-55C Datasheet HTML 23Page - NEC D-55C Datasheet HTML 24Page - NEC D-55C Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
16 max.
ø0.7
7.62±0.5
5.08±0.5
10.5 max.
Circuit diagram
Shape and Dimensions/Circuit Diagram
Noise Filters for Telephone Sets
ST-101A, 201A, 202A
[RoHS Compliant]
ST-101A
0.5 to 7
3
(at 0.5 MHz)
50
200
250
–20 to +65
AM band
ST-201A
7 to 40
1.5 (at 7 MHz)
50
200
150
–20 to +65
FM band
ST-202A
7 to 100
0.6 (at 100 MHz)
50
1000
50
–20 to +65
FM band
Frequency range
Impedance
Rated voltage
Rated current
DC resistance
Operating
Model
temperature range
Remarks
(MHz)
(k ) min.
DC (V)
(mA)
(m /Line) max.
(˚C)
Noise Filters for Telephone Sets
ST-101A, 201A, 202A
[RoHS Compliant]
0.01
0.1
1
10
100
101A
201A
202A
Frequency (MHz)
10
1
0.1
100
500
Impedance vs. Frequency
• Withstanding voltage: 500VDC (one minute, between lines)
• Insulation resistance: more than10M
(100VDC, between lines)
Telephone set
Terminal
(facsimile, card reader, etc.)
Installed filter
ST-201
ST-201A
ST-202
ST-202A
ST-202S
SZ-03
ST-101
ST-101A
ST-101F2
ST-101F4
ST-110AH
ST-110AV
ST-110BH
ST-110BV
ST-104A4
ST-204A1
ST-204A3
ST-204A4
Rosette
Installed filter
Installation position
Telephone line
Line terminal unit
LFT
HFT
Installation Examples
Insertion in Driver/ Receive
circuit in telephone
Telephone
Drv.
Rec.
Installation at rosette or circuit input/output
ST, LFT, HFT
Circuit
L2
L1
Telephone
Design Examples
[mm]
DIP Type
Common Mode for Telephone Sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com