Electronic Components Datasheet Search
  English  ▼

X  

FEP10 Datasheet(PDF) 26 Page - NEC

Part # FEP10
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEP10 Datasheet(HTML) 26 Page - NEC

Back Button FEP10 Datasheet HTML 22Page - NEC FEP10 Datasheet HTML 23Page - NEC FEP10 Datasheet HTML 24Page - NEC FEP10 Datasheet HTML 25Page - NEC FEP10 Datasheet HTML 26Page - NEC FEP10 Datasheet HTML 27Page - NEC FEP10 Datasheet HTML 28Page - NEC FEP10 Datasheet HTML 29Page - NEC FEP10 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
26
FQK-Type Bobbins
FQK-Type Bobbins
A
B
X
øP
C
Y
F
P2
P1
t min.
Shape and Dimensions
Bobbins
φP
P1
P2
P3
Number of pins
Aw
Rw
Weight
(mm)
(mm)
(mm)
(mm2)
(mm)
(g)
QKB1623-P1108-F
0.6
3.81
11.43
25.4
8
31.9
30.9
1.7
QKB2522-P1108-F
0.8
6.35
19.05
20.32
8
47.8
44.6
2.8
QKB2532-P1108-F
0.8
6.35
19.05
27.94
8
73.9
44.6
3.3
Bobbins
A
φB
C
E
F
X
Y
Z
t (min)
QKB1623-P1108-F
11.9
7.8
15.2
4
1.95
16.5
30.1
13.1
0.75
QKB2522-P1108-F
17.6
10.825
14.1
5
3.5
25
34.5
19.55
0.725
QKB2532-P1108-F
17.6
10.825
21.8
5
3.35
25
33.4
19.55
0.725
Numbering System
QKB 1623 - P11 08 - F
① Core size
② P11:Horizontal type
③ Number of pins
④ Material: Phenol resin
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com