Electronic Components Datasheet Search
  English  ▼

X  

ST-201 Datasheet(PDF) 12 Page - NEC

Part # ST-201
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ST-201 Datasheet(HTML) 12 Page - NEC

Back Button ST-201 Datasheet HTML 8Page - NEC ST-201 Datasheet HTML 9Page - NEC ST-201 Datasheet HTML 10Page - NEC ST-201 Datasheet HTML 11Page - NEC ST-201 Datasheet HTML 12Page - NEC ST-201 Datasheet HTML 13Page - NEC ST-201 Datasheet HTML 14Page - NEC ST-201 Datasheet HTML 15Page - NEC ST-201 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
12
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Signal Line
5.08
5.08
N2
N1
1
2
3
4
7.5 max.
1
2
4
3
5.08±0.5
(1.0)
2.54 ±0.3
(ø0.6)
7.5max.
1
2
3
4
Shape and Dimensions
Circuit Diagram
SBT-01W Series
[RoHS Compliant]
SBT-0115W
50
500
Œ5
30
–25 to +70
SBT-0140W
50
500
40±35%
40
–25 to +70
Bulk (100pcs.)
SBT-0160W
50
500
60±35%
45
–25 to +70
SBT-0180W
50
500
80±35%
55
–25 to +70
Rated voltage
Rated current
Inductance
DC resistance
Operating
Model
(1kHz, 70mA)
temperature range
Packaging
DC (V)
(mA)
(µH)
(m ) max.
(˚C)
SBT-01W Series
[RoHS Compliant]
10000
1000
100
10
1
0115W
0140W
0160W
0180W
Frequency (MHz)
1
10
100
1000
Impedance vs. Frequency
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than 10M
(100VDC, between lines)
[mm]
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com