Electronic Components Datasheet Search
  English  ▼

X  

AD9518-2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9518-2
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9518-2 Datasheet HTML 24Page - Analog Devices AD9518-2 Datasheet HTML 25Page - Analog Devices AD9518-2 Datasheet HTML 26Page - Analog Devices AD9518-2 Datasheet HTML 27Page - Analog Devices AD9518-2 Datasheet HTML 28Page - Analog Devices AD9518-2 Datasheet HTML 29Page - Analog Devices AD9518-2 Datasheet HTML 30Page - Analog Devices AD9518-2 Datasheet HTML 31Page - Analog Devices AD9518-2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
AD9518-2
Data Sheet
Rev. C | Page 28 of 64
In differential mode, the reference input pins are internally self-
biased so that they can be ac-coupled via capacitors. It is possible
to dc couple to these inputs. If the differential REFIN is driven
by a single-ended signal, the unused side (REFIN) should be
decoupled via a suitable capacitor to a quiet ground. Figure 34
shows the equivalent circuit of REFIN.
VS
REF1
REF2
REFIN
150Ω
150Ω
10kΩ 12kΩ
10kΩ 10kΩ
REFIN
85kΩ
VS
85kΩ
VS
Figure 34. REFIN Equivalent Circuit
Reference Switchover
The AD9518 supports dual single-ended CMOS inputs, as well
as a single differential reference input. In the dual single-ended
reference mode, the AD9518 supports automatic and manual
PLL reference clock switching between REF1 (on Pin REFIN)
and REF2 (on Pin REFIN). This feature supports networking
and other applications that require smooth switching of redundant
references. When used in conjunction with the automatic holdover
function, the AD9518 can achieve a worst-case reference input
switchover with an output frequency disturbance as low as 10 ppm.
When using reference switchover, the single-ended reference
inputs should be dc-coupled CMOS levels and never be allowed
to go to high impedance. If these inputs are allowed to go to high
impedance, noise may cause the buffer to chatter, causing
a false detection of the presence of a reference.
Reference switchover can be performed manually or auto-
matically. Manual switchover is performed either through
Register 0x01C or by using the REF_SEL pin. Manual switchover
requires the presence of a clock on the reference input that is
being switched to, or that the deglitching feature be disabled
(Register 0x01C[7]). The reference switching logic fails if this
condition is not met, and the PLL does not reacquire.
Automatic revertive switchover relies on the REFMON pin to
indicate when REF1 disappears. By programming Register 0x01B =
0xF7 and Register 0x01C = 0x26, the REFMON pin is programmed
to be high when REF1 is invalid, which commands the switch to
REF2. When REF1 is valid again, the REFMON pin goes low, and
the part again locks to REF1. It is also possible to use the STATUS
pin for this function, and REF2 can be used as the preferred
reference.
A switchover deglitch feature ensures that the PLL does not
receive rising edges that are far out of alignment with the newly
selected reference.
Automatic nonrevertive switching is not supported.
Reference Divider R
The reference inputs are routed to the reference divider, R.
R (a 14-bit counter) can be set to any value from 0 to 16,383
by writing to Register 0x011 and Register 0x012. (Both R = 0 and
R = 1 give divide-by-1.) The output of the R divider goes to one
of the PFD inputs to be compared with the VCO frequency
divided by the N divider. The frequency applied to the PFD
must not exceed the maximum allowable frequency, which
depends on the antibacklash pulse setting (see Table 2).
The R counter has its own reset. The R counter can be reset
using the shared reset bit of the R, A, and B counters. It can
also be reset by a SYNC operation.
VCXO/VCO Feedback Divider N—P, A, B, R
The N divider is a combination of a prescaler (P) and two counters,
A and B. The total divider value is
N = (P × B) + A
where the value of P can be 2, 4, 8, 16, or 32.
Prescaler
The prescaler of the AD9518 allows for two modes of operation:
a fixed divide (FD) mode of 1, 2, or 3, and a dual modulus (DM)
mode where the prescaler divides by P and (P + 1) {2 and 3,
4 and 5, 8 and 9, 16 and 17, or 32 and 33}. The prescaler modes
of operation are given in Table 44, Register 0x016[2:0]. Not all
modes are available at all frequencies (see Table 2).
When operating the AD9518 in dual modulus mode (P//P + 1),
the equation used to relate input reference frequency to VCO
output frequency is
fVCO = (fREF/R) × (P × B + A) = fREF × N/R
However, when operating the prescaler in an FD mode of 1, 2,
or 3, the A counter is not used (A = 0) and the equation
simplifies to
fVCO = (fREF/R) × (P × B) = fREF × N/R
When A = 0, the divide is a fixed divide of P = 2, 4, 8, 16, or 32,
in which case the previous equation also applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com