Electronic Components Datasheet Search
  English  ▼

X  

AD9518-3ABCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9518-3ABCPZ
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3ABCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9518-3ABCPZ Datasheet HTML 12Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 13Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 14Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 15Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 16Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 17Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 18Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 19Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
AD9518-3
Data Sheet
Rev. B | Page 16 of 64
TYPICAL PERFORMANCE CHARACTERISTICS
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
300
100
120
140
160
180
200
220
240
260
280
3 CHANNELS—6 LVPECL
3 CHANNELS—3 LVPECL
2 CHANNELS—2 LVPECL
1 CHANNEL—1 LVPECL
Figure 5. Current vs. Frequency, Direct to Output, LVPECL Outputs
70
65
60
55
50
45
40
35
30
25
1.7
1.8
1.9
2.0
2.1
2.2
2.3
VCO FREQUENCY (GHz)
Figure 6. KVCO vs. VCO Frequency
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE ON CP PIN (V)
PUMP DOWN
PUMP UP
Figure 7. Charge Pump Characteristics at VCP = 3.3 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
3.0
4.0
2.5
3.5
5.0
4.5
VOLTAGE ON CP PIN (V)
PUMP DOWN
PUMP UP
Figure 8. Charge Pump Characteristics at VCP = 5.0 V
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 9. PFD Phase Noise Referred to PFD Input vs. PFD Frequency
–210
–224
–222
–220
–218
–216
–214
–212
02
2.0
1.5
1.0
0.5
SLEW RATE (V/ns)
.5
Figure 10. PLL Figure of Merit (FOM) vs. Slew Rate at REFIN/REFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com