Electronic Components Datasheet Search
  English  ▼

X  

340A Datasheet(PDF) 37 Page - NEC

Part # 340A
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

340A Datasheet(HTML) 37 Page - NEC

Back Button 340A Datasheet HTML 33Page - NEC 340A Datasheet HTML 34Page - NEC 340A Datasheet HTML 35Page - NEC 340A Datasheet HTML 36Page - NEC 340A Datasheet HTML 37Page - NEC 340A Datasheet HTML 38Page - NEC 340A Datasheet HTML 39Page - NEC 340A Datasheet HTML 40Page - NEC 340A Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Noise Filters VOL.11
37
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
100
50
0
VG-2150FPZ-10, VG-2200FPZ-10
VG-2150FPZ-20
Frequency (MHz)
Common mode
0.15
1
10
30
Attenuation Characteristics
50
13
43
21
7.0
Case grounding
#250Faston® terminal
13
70
100VAC 15A
VG-2150FPZ-10
Lot No.
*Faston® is a registered trademark of Tyco Electronics AMP.
Shape and Dimensions
Caution: E represents a case.
Z+SA
Cy
Z
Cx
L
Cx
R
E
Circuit Diagram
VG-2150FPZ-10
100
15
1000
300
0.5 (125V)
–25 to +55
200
VG-2150FPZ-20
200
15
1500
300
1.0 (250V)
–25 to +55
200
VG-2200FPZ-10
100
20
1000
300
0.5 (125V)
–25 to +55
220
WithstandingInsulation resistance
Leakage
Operating
Model
Rated voltage Rated current
voltage 1 min.,
500VDC 1 min.,
current
temperature
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
range
(g)
AC (V)
(M ) min.
(mA) max.
(˚C)
[mm]
VG-FPZ Series
for inverter installed home appliances' surge control
[RoHS Compliant]
VG-FPZ Series
for inverter installed home appliances' surge control
[RoHS Compliant]
Casing Type
Metal cylinder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com