Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698MJD Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 17Page - Texas Instruments OPA698MJD Datasheet HTML 18Page - Texas Instruments OPA698MJD Datasheet HTML 19Page - Texas Instruments OPA698MJD Datasheet HTML 20Page - Texas Instruments OPA698MJD Datasheet HTML 21Page - Texas Instruments OPA698MJD Datasheet HTML 22Page - Texas Instruments OPA698MJD Datasheet HTML 23Page - Texas Instruments OPA698MJD Datasheet HTML 24Page - Texas Instruments OPA698MJD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
V
HL,HH +
R1
ø R2 ø R3
R1
V
REF )
R1
ø R2 ø R3
R2
V
OUT
(3)
OPA698
R
2
402
Ω
R
1
200
Ω
R
3
200
Ω
V
REF
V
OUT
V
H
V
L
+2V
-2V
V
IN
S0044-01
Time (10ns/div)
4
3
2
1
0
-1
-2
-3
-4
V
IN
V
OUT
G052
Unity-Gain Buffer
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
The circuit operates as follow. When the input voltage is less than VHL then the output is limiting at VH. When the
input is greater than VHH then the output is limiting at VL, with VHL and VHH defined as the following:
Due to the inverting function realized by the Schmitt Trigger, VHL corresponds to VOUT = VH and VHH corresponds
to VOUT = VL.
Figure 61. High-Speed Schmitt Trigger
Figure 62 shows the Schmitt Trigger operating with VREF = +5 V. This gives us VHH = 2.4 V and VHL = 1.6 V. The
propagation delay for the OPA698 in a Schmitt Trigger configuration is 6 ns from high-to-low and 5 ns from
low-to-high.
Figure 62. Schmitt Trigger Time Domain Response for a 10-MHz Sinewave
Figure 63 shows a unity-gain voltage buffer using the OPA698. The feedback resistor (RF) isolates the output
from the input capacitance at the inverting input. RF = 24.9 Ω is recommended for unity-gain buffer applications.
RC is an optional compensation resistor that reduces the peaking typically seen at G = +1. Choosing RC = RS +
RF gives a unity-gain buffer with approximately the G = +2 frequency response. The frequency response for this
circuit is shown in the electrical characteristics curves.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com