Electronic Components Datasheet Search
  English  ▼

X  

QFN-24 Datasheet(PDF) 13 Page - Texas Instruments

Part # QFN-24
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

QFN-24 Datasheet(HTML) 13 Page - Texas Instruments

Back Button QFN-24 Datasheet HTML 9Page - Texas Instruments QFN-24 Datasheet HTML 10Page - Texas Instruments QFN-24 Datasheet HTML 11Page - Texas Instruments QFN-24 Datasheet HTML 12Page - Texas Instruments QFN-24 Datasheet HTML 13Page - Texas Instruments QFN-24 Datasheet HTML 14Page - Texas Instruments QFN-24 Datasheet HTML 15Page - Texas Instruments QFN-24 Datasheet HTML 16Page - Texas Instruments QFN-24 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
TYPICAL CHARACTERISTICS: VS = ±12V, 75% Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
10
100
300
G
=1V/V
V
=2V
R =100
CM
O
PP
L
W
G
=5V/V
DIFF
F
R =1.5kW
G
=10V/V
DIFF
F
R =1.24kW
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
0
20
260
G
=1V/V
G
=10V/V
R =100
CM
DIFF
L
W
240
220
200
180
40
160
140
120
100
80
60
V
=20V
O
PP
V
=2V
O
PP
V
=4V
O
PP
V
=8V
O
PP
12
8
4
0
4
8
12
-
-
-
Time(10ns/div)
Small-Signal 500mV
RightScale
±
P
1.2
0.8
4
0
4
8
1.2
0.
0.
0.
-
-
-
Large-SignalPulseResponse
( 10V )LeftScale
±
P
18
16
14
12
10
8
6
4
2
0
R
(k
)
W
ADJ
0
1
6
2
3
4
5
+I
Q
-IQ
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
23
20
17
14
11
8
5
2
Frequency(Hz)
10M
100M
300M
THS6204
R
S
THS6204
R
S
C
L
1kW
Optional
V
IN
V
OUT
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 20.
Figure 21.
DIFFERENTIAL SMALL-SIGNAL AND
LARGE-SIGNAL PULSE RESPONSE
SUPPLY CURRENT FOR FULL BIAS SETTINGS vs RADJ
Figure 22.
Figure 23.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 24.
Figure 25.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com