Electronic Components Datasheet Search
  English  ▼

X  

HC257 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC257
Description  Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC257 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC257 Datasheet HTML 1Page - System Logic Semiconductor HC257 Datasheet HTML 2Page - System Logic Semiconductor HC257 Datasheet HTML 3Page - System Logic Semiconductor HC257 Datasheet HTML 4Page - System Logic Semiconductor HC257 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC257
System Logic
Semiconductor
SLS
Quad 2-Input Data Selector/Multiplexer
with 3-State Outputs
High-Performance Silicon-Gate CMOS
The SL74HC257 is identical in pinout to the LS/ALS257. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device selects a (4-bit) nibble from either the A or B inputs as
determined by the Select input. The nibble is presented at the outputs
in noninverted from when the Output Enable pin is at a low level. A
high level on the Output Enable pin switches the outputs into the high-
impedance state.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC257N Plastic
SL74HC257D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Output
Enable
Select
Y0-Y3
H
X
Z
L
L
A0-A3
L
H
B0-B3
X=don’t care
Z = high-impedance state
A0-A3,B0-B3=the levels of the respective
Nibble Inputs
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - HC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC257 STMICROELECTRONICS-HC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
logo
Texas Instruments
HC257 TI-HC257 Datasheet
52Kb / 7P
High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Toshiba Semiconductor
HC257 TOSHIBA-HC257 Datasheet
250Kb / 6P
QUAD 2-CHANEL MULTIPLEXER (3-STATE)
logo
Hitachi Semiconductor
HC257 HITACHI-HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results

Similar Description - HC257

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
8-Input Data Selector/Multiplexer with 3-State Outputs
SL74HC258 SLS-SL74HC258 Datasheet
66Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
KODENSHI_AUK CORP.
KK74HC258A KODENSHI-KK74HC258A Datasheet
226Kb / 6P
Quad 2-Input Data Selectors/Multiplexer with 3-State Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com