Electronic Components Datasheet Search
  English  ▼

X  

SIR804DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIR804DP
Description  N-Channel 100 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR804DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIR804DP Datasheet HTML 1Page - Vishay Siliconix SIR804DP Datasheet HTML 2Page - Vishay Siliconix SIR804DP Datasheet HTML 3Page - Vishay Siliconix SIR804DP Datasheet HTML 4Page - Vishay Siliconix SIR804DP Datasheet HTML 5Page - Vishay Siliconix SIR804DP Datasheet HTML 6Page - Vishay Siliconix SIR804DP Datasheet HTML 7Page - Vishay Siliconix SIR804DP Datasheet HTML 8Page - Vishay Siliconix SIR804DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 65703
S10-2680-Rev. B, 22-Nov-10
Vishay Siliconix
SiR804DP
New Product
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
51
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 6.0
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0059
0.0072
VGS = 7.5 V, ID = 20 A
0.0063
0.0078
VGS = 4.5 V, ID = 15 A
0.0083
0.0103
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
73
S
Dynamicb
Input Capacitance
Ciss
VDS = 50 V, VGS = 0 V, f = 1 MHz
2450
pF
Output Capacitance
Coss
1430
Reverse Transfer Capacitance
Crss
80
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 20 A
50.8
76
nC
VDS = 50 V, VGS = 7.5 V, ID = 20 A
39.2
59
VDS = 50 V, VGS = 4.5 V, ID = 20 A
24.8
37.2
Gate-Source Charge
Qgs
8.1
Gate-Drain Charge
Qgd
10.6
Gate Resistance
Rg
f = 1 MHz
0.4
2.0
4.0
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 2.5 
ID  20 A, VGEN = 10 V, Rg = 1 
11
22
ns
Rise Time
tr
918
Turn-Off Delay Time
td(off)
38
70
Fall Time
tf
11
22
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 2.5 
ID  20 A, VGEN = 7.5 V, Rg = 1 
15
30
Rise Time
tr
14
28
Turn-Off Delay Time
td(off)
35
70
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
100
Body Diode Voltage
VSD
IS = 5 A
0.76
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 20 A, dI/dt = 100 A/µs, TJ = 25 °C
56
100
ns
Body Diode Reverse Recovery Charge
Qrr
65
120
nC
Reverse Recovery Fall Time
ta
22
ns
Reverse Recovery Rise Time
tb
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com